Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 2Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 3Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 4Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 5Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 9Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
6 / 23
Parameter
Symbol
Typ.
Max.
Units
Comments
Low-cross-sensitivity
mode recommended
sampling frequency
1
7
Hz
A higher readout frequency (limited
by measurement duration) will lead
to self-heating and should be
consistent during FRC as well as
measurement.
Low-noise mode
recommended sampling
frequency
1
10
Hz
2.5 Mechanical specifications
Parameter
Symbol
Typ.
Max.
Units
Comments
Weight
W
0.025
g
2.6 Materials
Parameter
REACH, RoHS
REACH and RoHS compliant
2.7 Absolute minimum and maximum ratings
Parameter
Rating
Units
Supply Voltage VDD
-0.3 to 5.5
V
Max Voltage on pins (SDA, SCL)
-0.3 to VDD+0.3
V
Input current on any pin
±70
mA
Operating temperature range
-40 to +105
°C
Maximum short term storage temperature range
-40 to +105
°C
Recommended storage temperature range
-10 to +40
°C
Operating absolute pressure range
200 to 2000
mbar
Max. humidity for long term exposure
40 °C dew point
ESD HBM (human body model)
2
kV
Media Compatibility
Noncorrosive gases
3
Sensor operation
The STC3x interface is compatible with the I2C protocol in Standard-mode, Fast-mode and Fast-mode Plus.
Clock stretching is not supported. This chapter describes the command set for STC31-C. For detailed
information about the I2C protocol, please check the document "NXP I2C-bus specification and user manual".
3.1 I2C addresses
The address is followed by a read or write bit. See section 4.3.3 for selecting alternative I2C addresses.
I2C address
in hex. representation
Binary representation
default
0x29
b 010 1001
selectable
0x2A
b 010 1010
selectable
0x2B
b 010 1011
selectable
0x2C
b 010 1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com