Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  STC31-C-R5 Datasheet HTML 1Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 2Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 3Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 4Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 5Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
3 / 23
1
Measurement specifications
The STC31-C is a highly versatile thermal conductivity sensor for CO2 concentration measurement. For clarity,
the table below provides relevant information for the most common use cases. For detailed considerations of
special cases consult the specific application notes. Examples are controlled atmosphere loggers, fast
measurement (i.e., breath cycles) or lowest power operation.
The low-cross-sensitivity measurement mode is the recommended standard mode, and the specifications are
provided in section 1.1 below. For the specifications of the low-noise mode, refer to section 1.2.
Every STC31-C is individually tested and calibrated and is identifiable by its unique serial number (see sections
3.3.15 and 4.1).
1.1
Concentration of CO2 in Air1 or N2
Sensor performance in default conditions of 3.3V supply voltage, horizontal orientation, 1 Hz measurement
frequency, combined with SHT45 and an accurate pressure sensor; for measurements after forced recalibration
(FRC) or automatic self-calibration (ASC)2 in standard low-cross-sensitivity measurement mode.
The STC31-C measures concentration in the unit: volume percent (vol%) of carbon dioxide (CO2) with respect
to the standard conditions: 25°C and 1000 mbar. Volume percent is here defined as volume of the dry
constituent divided by the sum of the volumes of all dry constituents of the mixture prior to mixing, multiplied
by 100.
1
Air is defined as 78.1% nitrogen, 21.0% oxygen and 0.9% argon.
2
FRC and ASC are comparable to baseline correction or zeroing functions of NDIR and other sensors.
3 Measurement range and measurement mode can be chosen by setting the gas model as described in 3.3.2 The
advantage of the 0-40% range is the reduced sensitivity to input errors. See section 2.1.
4
Accuracy refers to averaged measurements, excluding noise. Error given for the statistical 2σ range, i.e. 95% of
parameter combinations and measurements.
5
Accuracy specifies the performance of the sensor after FRC was performed. Drift over time needs to be evaluated in the
specific application environment.
6
ΔC: concentration deviation from FRC setpoint in % volume concentration; ΔT: temperature deviation from FRC setpoint
in °C; ΔRH: relative humidity deviation from FRC setpoint in %RH; ΔP: pressure deviation from FRC setpoint in millibar.
7
Error given for the statistical 2σ range, i.e. 95% of consecutive measurements. Smoothing filters available on chip, see
Section 3.3.9. Noise may be higher or lower at other measurement conditions.
Parameter
0-40 vol% or 0-100% CO2 Range3
Note
Conditions
Achievable Accuracy4,5
±0.5 (0.2 – 2.0) vol%
Depending on measurement
and FRC conditions,
assuming ideal design-in
Measurement
Range:
0-100 vol%
-10-50 °C,
10-95% RH,
800-1200 mbar
For FRC at
0 vol%, 30 °C,
30% RH, 1000 mbar
Base Accuracy4,5
±0.2 vol%
Base accuracy at T, RH and P
at which FRC was performed
Conc. Coefficient (cC)
0.02 vol% / ΔC (%Conc. CO2)
additional accuracy error
for deviations from FRC
conditions
Temp. Coefficient (cT)
0.02 vol% / ΔT6 (°C)
Humidity Coefficient (cRH)
0.01 vol% / ΔRH (%RH)
Pressure Coefficient (cP)
0.001 vol% / ΔP (mbar)
Resolution
16 bit / 30.5 ppm
Response time (τ63)
< 0.5 s
Noise7
±0.07 vol%
strong filter setting
0 vol%, 20°C
50% RH, 1013 mbar
±0.32 vol%
no filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com