Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 20 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 20 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 19Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 20Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 21Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 22Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 23Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
20 / 23
4.3.3 Address selection pin (ADDR)
A resistor between ADDR and VDD may be used to configure the I2C address the STC31-C uses for
communication. The selectable addresses and their respective conditions are:
I2C Address (hex)
Condition
0x29 (default)
Ground or no connection between ADDR (pin 3) and VDD (pin 6)
0x2A
10 kOhm (±5%) between ADDR (pin 3) and VDD (pin 6)
0x2B
3.3 kOhm (±5%) between ADDR (pin 3) and VDD (pin 6)
0x2C
1 kOhm (±5%) between ADDR (pin 3) and VDD (pin 6)
4.3.4 Die pad (center pad)
The die pad or center pad is visible from below and located in the center of the package. It is electrically floating
and therefore it is recommended to connect it to GND. Depending on the application, it may or may not be
advantageous to solder the center pad to a larger ground trace/plane to increase thermal coupling.
5
Shipping package
STC31-C is provided in tape & reel shipment packaging. Available packaging size is 400 or 5000 units per
reel.
Figure 4 Technical drawing of the packaging tape with sensor orientation in tape. Header tape is to the right
and trailer tape to the left on this drawing. Dimensions are given in millimeters.
6
Ordering information
Use the part names and product numbers shown in the following table when ordering STC31-C Thermal
Conductivity Sensor. For the latest product information and local distributors, visit www.sensirion.com.
Part name
Description / Output
Order number
Packaging
Tape & reel size
SEK-STC31-C
I2C
3.001.061
Single package evaluation kit
n/a
STC31-C-R3
3.001.031
Tape & Reel
400
STC31-C-R5
3.001.032
Tape & Reel
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com