Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 9Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 10Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 12Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 13Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 14Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
11 / 23
3.3.5 Set pressure
The concentration measurement requires compensation of pressure. With the set pressure command, the
sensor uses the input to compensate the concentration results. The pressure should be updated just before a
new measurement is started.
Pressure compensation is valid from 600 mbar to 1500 mbar.
Command
Command
code (hex)
Argument
Description
Set pressure
0x362F
Absolute pressure: 16bit
unsigned integer
For pressure scaling, see
section 3.5.4.
When no value is written to the sensor
after a soft reset, wake-up or power-up, a
pressure of 1013mbar is assumed.
The value written is used until a new
value is written to the sensor.
This command sequence needs to be closed off with a valid CRC byte for the 16-bit argument if the CRC is not
disabled.
When the CRC byte does not match the argument, the sensor will respond with a NACK. The sensor will omit
the command and will use the previous value, or when no value was written, assume the default value of
1013mbar.
3.3.6 Measure gas concentration
The duration of a gas concentration measurement is defined in section 2.4. When measurement data is
available, it can be read out by sending an I2C read header and reading out the data from the sensor. If no
measurement data is available yet, the sensor will respond with a NACK on the I2C read header. The gas model
needs to be set once before the measurement command, see 3.3.2.
Command
Command
code (hex)
Consecutive read
Description
Measure gas
concentration
0x3639
Byte1: Gas concentration
8msb
Byte2: Gas concentration
8lsb
Byte3: CRC
Byte4: Temperature 8msb
Byte5: Temperature 8lsb
Byte6: CRC
Byte7: Reserved 8msb
Byte8: Reserved 8lsb
Byte9: CRC
The gas concentration is a 16-bit
unsigned integer.
The temperature and byte 7 and 8 do
not need to be read out. The read
sequence can be aborted after any
byte by a NACK and a STOP condition.
In case the ‘Set temperature command’ has been used prior to the measurement command, the temperature
value given out by the STC31-C will be that one of the ‘Set temperature command’. When the ‘Set temperature
command’ has not been used, the internal temperature value can be read out.
During product development it is recommended to compare the internal temperature value of the STC31-C
and the temperature value of the SHT4x, to check whether both sensors are properly thermally coupled. The
values must be within 0.7°C at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com