Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 22 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 22 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 19Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 20Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 21Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 22Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 23Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
22 / 23
8
Revision history
Date
Version
Pages / Sections
Changes
Oct 2020
1.1
all
Last Datasheet for STC31
April 2024
3.0
all
First release for STC31-C
June 2024
3.1
all
Minor corrections
3.3.10
Chapter Self Test rewritten with new recommendations
1.1
Precise definition for measurement unit vol% added
4.2
Land pattern recommendation added
3.3.2 – 3.3.6
Wording and clarity of text
Sept. 2024
3.2
all
Minor corrections of spelling and format
3.2
Added additional information for handing NACK response to
CRC byte
3.3.7
Added clarification: The resulting correction is only valid for the
active measurement mode, binary gas and range.
Nov. 2024
3.3
1.1
Added clarification to footnote 7 “Noise”: Noise may be higher
or lower at other measurement conditions.
2.4
Low-noise concentration measurement duration changed from
66 to 75 ms. (Incorrect declaration – no product change)
3.3.14
Corrected reference:
Implement and test the Sensor state retention sequence as
described in section 3.3.12 before implementing the sleep
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com