Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  STC31-C-R5 Datasheet HTML 1Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 2Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 3Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 4Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 5Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
5 / 23
2
Sensor specifications
2.1 Sensitivity to compensation inputs of low-cross-sensitivity mode
The STC31-C should be provided with inputs for temperature (T), relative humidity (RH) and pressure (p) to
compensate environmental conditions – see Sections 3.3.3 to 3.3.5. Without external input, the sensor will take
its internal temperature and assume RH=0%, p=1013 mbar. Inaccurate environmental inputs affect the STC31-
C output, by an amount which depends on the selected measurement mode. The table below describes the
additional inaccuracies resulting from errors of the input parameters in the vicinity of the true values.
Condition
Selected Range
Typical additional STC31-C output error (vol.%) due to:
0.1°C error in T
1% error in RH
1 mbar error in p
T=30 °C, RH=30%,
p=1000 mbar, c=0.0%
0-40 vol%
0.025
0.0002
0.0001
0-100 vol%
0.06
0.04
0.01
The sensitivity to errors in the compensation inputs is significantly higher for the low-noise mode.
2.2 Temperature
The measured temperature is the temperature of the bulk silicon in the sensor. This temperature value is not
only depending on the gas temperature, but also on the sensor’s contact surface (PCB) and other surroundings.
See the Engineering Guide for more details. Values are determined for the measurement frequency of 1 Hz.
Parameter
Value
Measurement range
-40 °C to 105 °C
Resolution
16 bit
Accuracy
0.5 °C (25 °C to 60 °C),
1.0 °C (10 °C to 90 °C), 1.5 °C (-30 °C to 100 °C), 2.0 °C (-40 °C to 105 °C)
Repeatability
0.1 °C
2.3 Electrical specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Supply Voltage
VDD
2.7
3.3
5.5
V
Power-up/down level
VPOR
2.3
2.5
2.7
V
Supply current
IDD
Measuring
3
5
mA
Idle state
50
uA
Sleep mode
1
uA
2.4 Timings
Parameter
Symbol
Typ.
Max.
Units
Comments
Power-up time
tPU
14
ms
Time to sensor ready
Soft reset time
tSR
12
ms
Time between soft reset command or
exit sleep mode and sensor ready
I2C SCL frequency
fI2C
400
1000
kHz
Low-cross-sensitivity
concentration
measurement duration
110
ms
Measurement result is returned
together with temperature value
Low-noise concentration
measurement duration
75
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com