Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC31-C-R5 Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # STC31-C-R5
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R5 Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button STC31-C-R5 Datasheet HTML 4Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 5Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 6Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 7Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 8Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 9Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 10Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 11Page - Sensirion AG Switzerland STC31-C-R5 Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
8 / 23
3.3 I2C commands
The command set of the STC31-C consists of a set of different commands:
Command
Command code (hex)
Section
Disable CRC
0x3768
3.3.1
Set measurement mode and binary gas
0x3615
3.3.2
Set relative humidity
0x3624
3.3.3
Set temperature
0x361E
3.3.4
Set pressure
0x362F
3.3.5
Measure gas concentration
0x3639
3.3.6
Forced recalibration (FRC)
0x3661
3.3.7
Automatic self-calibration (ASC)
-
3.3.8
Configure noise filter
-
3.3.9
Self-test
0x365B
3.3.10
Soft reset
-
3.3.11
Prepare and read state
0x3752, 0xE133
3.3.12
Write and apply state
0xE133, 0x3650
3.3.12
Read offset value
0x370A
3.3.13
Write offset value
0x3608
3.3.13
Enter sleep mode
0x3677
3.3.14
Exit sleep mode
-
3.3.14
Read product identifier
0x367C, 0xE102
3.3.15
3.3.1 Disable CRC
By default, the arguments written to the sensor and the data coming from the sensor are protected by CRC
(cyclic redundancy check). There may be cases where it is beneficial to disable the CRC, for example to reduce
the sensor overhead and general power consumption, or during the first stages of development.
In cases where the MCU and sensor are not close together on a PCB, and are for example connected with a
wire, it is recommended to not disable the CRC. For safety related applications it is strongly recommended not
to disable the CRC.
Command
Command code (hex)
Description
Disable CRC
0x3768
This command disables the CRC on the data for both read
and write. See section 3.2 for more details.
When the system is reset or wakes up from sleep mode, the CRC mode is reset to its default value: enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com