Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 24Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 25Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 26Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 27Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 28Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 29Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 30Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 28 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
The system must write the Program Resume command to exit the Program Suspend mode and continue the programming
operation. Further writes of the Program Resume command are ignored. Another Program Suspend command can be written after
the device has resumed programming.
Program operations can be interrupted as often as necessary but in order for a program operation to progress to completion there
must be some periods of time between resume and the next suspend command greater than or equal to tPRS in Embedded
Algorithm Controller (EAC) on page 20.
Program suspend and resume is not supported while entered in an ASO. While in program suspend entry into ASO is not supported.
5.4.3
Blank Check
The Blank Check command will confirm if the selected main flash array sector is erased. The Blank Check command does not allow
for reads to the array during the Blank Check. Reads to the array while this command is executing will return unknown data.
To initiate a Blank Check on a Sector, write 33h to address 555h in the Sector, while the EAC is in the standby state
The Blank Check command may not be written while the device is actively programming or erasing or suspended.
Use the Status Register read to confirm if the device is still busy and when complete if the sector is blank or not. Bit 7 of the Status
Register will show if the device is performing a Blank Check (similar to an erase operation). Bit 5 of the Status Register will be
cleared to 0 if the sector is erased and set to 1 if not erased.
As soon as any bit is found to not be erased, the device will halt the operation and report the results.
Once the Blank Check is completed, the EAC will return to the Standby State.
5.4.4
Erase Methods
5.4.4.1
Chip Erase
The chip erase function erases the entire main Flash Memory Array. The device does not require the system to preprogram prior to
erase. The Embedded Erase algorithm automatically programs and verifies the entire memory for an all 0 data pattern prior to
electrical erase. After a successful chip erase, all locations within the device contain FFFFh. The system is not required to provide
any controls or timings during these operations. The chip erase command sequence is initiated by writing two unlock cycles,
followed by a set up command. Two additional unlock write cycles are then followed by the chip erase command, which in turn
invokes the Embedded Erase algorithm. When WE# goes high, at the end of the 6th cycle, the RY/BY# goes low.
When the Embedded Erase algorithm is complete, the EAC returns to the standby state. Note that while the Embedded Erase
operation is in progress, the system can not read data from the device. The system can determine the status of the erase operation
by reading RY/BY#, the Status Register or using Data Polling. Refer to Status Register on page 34 for information on these status
bits. Refer to Data Polling Status on page 35 for more information.
Once the chip erase operation has begun, only a Status Read, Hardware RESET or Power cycle are valid. All other commands are
ignored. However, a Hardware Reset or Power Cycle immediately terminates the erase operation and returns to read mode after
tRPH time. If a chip erase operation is terminated, the chip erase command sequence must be reinitiated once the device has
returned to the idle state to ensure data integrity.
See Table 5.4 on page 43, Asynchronous Write Operations on page 82 and Alternate CE# Controlled Write Operations on page 88
for parameters and timing diagrams.
Sectors protected by the ASP DYB and PPB lock bits will not be erased. See ASP on page 14. If a sector is protected during chip
erase, chip erase will skip the protected sector and continue with next sector erase. The status register erase status bit and sector
lock bit are not set to 1 by a failed erase on a protected sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com