Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 60Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 61Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 62Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 63Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 64Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 65Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 66Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 67Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 64 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Hardware Interface
8. Signal Descriptions
8.1
Address and Data Configuration
Address and data are connected in parallel (ADP) via separate signal inputs and I/Os.
8.2
Input/Output Summary
Table 8.1 I/O Summary
Symbol
Type
Description
RESET#
Input
Hardware Reset. At VIL, causes the device to reset control logic to its standby state,
ready for reading array data.
CE#
Input
Chip Enable. At VIL, selects the device for data transfer with the host memory
controller.
OE#
Input
Output Enable. At VIL, causes outputs to be actively driven. At VIH, causes outputs to
be high impedance (High-Z).
WE#
Input
Write Enable. At VIL, indicates data transfer from host to device. At VIH, indicates data
transfer is from device to host.
AMAX–A0
Input
Address inputs.
A25–A0 for S29GL01GS
A24–A0 for S29GL512S
A23–A0 for S29GL256S
A22–A0 for S29GL128S
DQ15–DQ0
Input/Output
Data inputs and outputs
WP#
Input
Write Protect. At VIL, disables program and erase functions in the lowest or highest
address 64-kword (128-kB) sector of the device. At VIH, the sector is not protected.
WP# has an internal pull up; When unconnected WP# is at VIH.
RY/BY#
Output - open drain
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At
VIL, the device is actively engaged in an Embedded Algorithm such as erasing or
programming. At High-Z, the device is ready for read or a new command write -
requires external pull-up resistor to detect the High-Z state. Multiple devices may have
their RY/BY# outputs tied together to detect when all devices are ready.
VCC
Power Supply
Core power supply
VIO
Power Supply
Versatile IO power supply.
VSS
Power Supply
Power supplies ground
NC
No Connect
Not Connected internally. The pin/ball location may be used in Printed Circuit Board
(PCB) as part of a routing channel.
RFU
No Connect
Reserved for Future Use. Not currently connected internally but the pin/ball location
should be left unconnected and unused by PCB routing channel for future
compatibility. The pin/ball may be used by a signal in the future.
DNU
Reserved
Do Not Use. Reserved for use by Cypress. The pin/ball is connected internally. The
input has an internal pull down resistance to VSS. The pin/ball can be left open or tied
to VSS on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com