Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 73Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 74Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 75Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 76Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 77Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 78Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 79Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 80Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 77 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Figure 11.3 Power-Up Diagram
11.3.2
Hardware (Warm) Reset
During Hardware Reset (tRPH) the device will draw ICC5 current.
When RESET# continues to be held at VSS, the device draws CMOS standby current (ICC4). If RESET# is held at VIL, but not at VSS,
the standby current is greater.
If a Cold Reset has not been completed by the device when RESET# is asserted Low after tVCS, the Cold Reset# EA will be
performed instead of the Warm RESET#, requiring tVCS time to complete.
See Figure 11.4 on page 77.
After the device has completed POR and entered the Standby state, any later transition to the Hardware Reset state will initiate the
Warm Reset Embedded Algorithm. A Warm Reset is much shorter than a Cold Reset, taking tens of µs (tRPH) to complete. During
the Warm Reset EA, any in progress Embedded Algorithm is stopped and the EAC is returned to its POR state without reloading
EAC algorithms from non-volatile memory. After the Warm Reset EA completes, the interface will remain in the Hardware Reset
state if RESET# remains Low. When RESET# returns High the interface will transit to the Standby state. If RESET# is High at the
end of the Warm Reset EA, the interface will directly transit to the Standby state.
If POR has not been properly completed by the end of tVCS, a later transition to the Hardware Reset state will cause a transition to
the Power-on Reset interface state and initiate the Cold Reset Embedded Algorithm. This ensures the device can complete a Cold
Reset even if some aspect of the system Power-On voltage ramp-up causes the POR to not initiate or complete correctly. The RY/
BY# pin is Low during cold or warm reset as an indication that the device is busy performing reset operations.
Hardware Reset is initiated by the RESET# signal going to VIL.
Figure 11.4 Hardware Reset
VCC
VIO
RESET#
CE#
tRH
tVIOS
tVCS
tCEH
RESET#
CE#
tRP
tRPH
tRH
tCEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com