Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 76 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 76 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 72Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 73Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 74Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 75Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 76Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 77Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 78Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 79Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 80Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 76 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Figure 11.2 Input Waveforms and Measurement Levels
11.3
Power-On Reset (POR) and Warm Reset
Normal precautions must be taken for supply decoupling to stabilize the VCC and VIO power supplies. Each device in a system
should have the VCC and VIO power supplies decoupled by a suitable capacitor close to the package connections (this capacitor is
generally on the order of 0.1 µF).
Notes:
1. Not 100% tested.
2. Timing measured from VCC reaching VCC minimum and VIO reaching VIO minimum to VIH on Reset and VIL on CE#.
3. RESET# Low is optional during POR. If RESET is asserted during POR, the later of tRPH, tVIOS, or tVCS will determine when CE# may go Low. If RESET# remains Low
after tVIOS, or tVCS is satisfied, tRPH is measured from the end of tVIOS, or tVCS. RESET must also be High tRH before CE# goes Low.
4. VCC  VIO - 200 mV during power-up.
5. VCC and VIO ramp rate can be non-linear.
6. Sum of tRP and tRH must be equal to or greater than tRPH.
11.3.1
Power-On (Cold) Reset (POR)
During the rise of power supplies the VIO supply voltage must remain less than or equal to the VCC supply voltage. VIH also must
remain less than or equal to the VIO supply.
The Cold Reset Embedded Algorithm requires a relatively long, hundreds of µs, period (tVCS) to load all of the EAC algorithms and
default state from non-volatile memory. During the Cold Reset period all control signals including CE# and RESET# are ignored. If
CE# is Low during tVCS the device may draw higher than normal POR current during tVCS but the level of CE# will not affect the Cold
Reset EA. CE# or OE# must transition from High to Low after tVCS for a valid read or write operation. RESET# may be High or Low
during tVCS. If RESET# is Low during tVCS it may remain Low at the end of tVCS to hold the device in the Hardware Reset state. If
RESET# is High at the end of tVCS the device will go to the Standby state.
When power is first applied, with supply voltage below VRST then rising to reach operating range minimum, internal device
configuration and warm reset activities are initiated. CE# is ignored for the duration of the POR operation (tVCS or tVIOS). RESET#
Low during this POR period is optional. If RESET# is driven Low during POR it must satisfy the Hardware Reset parameters tRP and
tRPH. In which case the Reset operations will be completed at the later of tVCS or tVIOS or tRPH.
During Cold Reset the device will draw ICC7 current.
Table 11.2 Power ON and Reset Parameters
Parameter
Description
Limit
Value
Unit
tVCS
VCC Setup Time to first access (Notes 1, 2)
Min
300
µs
tVIOS
VIO Setup Time to first access (Notes 1, 2)
Min
300
µs
tRPH
RESET# Low to CE# Low
Min
35
µs
tRP
RESET# Pulse Width
Min
200
ns
tRH
Time between RESET# (High) and CE# (low)
Min
50
ns
tCEH
CE# Pulse Width High
Min
20
ns
VIO
0.0 V
0.5 VIO
0.5 VIO
Output
Measurement Level
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com