Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 32Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 33Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 34Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 35Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 36Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 37Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 38Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 35 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5. Bits 5, 4, 3, and 1 are cleared to 0 by the Clear Status Register command or Reset command.
6. Upon issuing the Erase Suspend Command, the user must continue to read status until DRB becomes 1.
7. ESSB is cleared to 0 by the Erase Resume Command.
8. ESB reflects success or failure of the most recent erase operation.
9. PSB reflects success or failure of the most recent program operation.
10. During erase suspend, programming to the suspended sector, will cause program failure and set the Program status bit to 1.
11. Upon issuing the Program Suspend Command, the user must continue to read status until DRB becomes 1.
12. PSSB is cleared to 0 by the Program Resume Command.
13. SLSB indicates that a program or erase operation failed because the sector was locked.
14. SLSB reflects the status of the most recent program or erase operation.
5.5.2
Data Polling Status
During an active Embedded Algorithm the EAC switches to the Data Polling ASO to display EA status to any read access. A single
word of status information is aliased in all locations of the device address space. In the status word there are several bits to
determine the status of an EA. These are referred to as DQ bits as they appear on the data bus during a read access while an EA is
in progress. DQ bits 15 to 8, DQ4, and DQ0 are reserved and provide undefined data. Status monitoring software must mask the
reserved bits and treat them as don't care. Table 5.3 on page 39 and the following subsections describe the functions of the
remaining bits.
5.5.2.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Algorithm is in progress or has completed. Data#
Polling is valid after the rising edge of the final WE# pulse in the program or erase command sequence. Note that the Data# Polling
is valid only for the last word being programmed in the write-buffer-page during Write Buffer Programming. Reading Data# Polling
status on any word other than the last word to be programmed in the write-buffer-page will return false status information.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the data bit programmed to DQ7. This DQ7
status also applies to programming during Erase Suspend. When the Embedded Program algorithm is complete, the device outputs
the data bit programmed to bit 7 of the last word programmed. In case of a Program Suspend, the device allows only reading array
data. If a program address falls within a protected sector, Data# Polling on DQ7 is active for approximately 20 µs, then the device
returns to reading array data.
During the Embedded Erase or Blank Check algorithms, Data# Polling produces a 0 on DQ7. When the algorithm is complete, or if
the device enters the Erase Suspend mode, Data# Polling produces a 1 on DQ7. This is analogous to the complement / true datum
output described for the Embedded Program algorithm: the erase function changes all the bits in a sector to 1; prior to this, the
device outputs the complement or '0'. The system must provide an address within the sector selected for erasure to read valid status
information on DQ7.
After an erase command sequence is written, if the sector selected for erasing is protected, Data# Polling on DQ7 is active for
approximately 100 µs, then the device returns to reading array data.
When the system detects DQ7 has changed from the complement to true data, it can read valid data at DQ15-DQ0 on the following
read cycles. This is because DQ7 may change asynchronously with DQ6-DQ0 while Output Enable (OE#) is asserted Low. This is
illustrated in Figure 11.17 on page 87. Table5.3 onpage39 shows the outputs for Data# polling on DQ7. Figure5.2 onpage25
shows the Data# polling algorithm use in Write Buffer Programming.
Valid DQ7 data polling status may only be read from:
the address of the last word loaded into the Write Buffer for a Write Buffer programming operation;
the location of a single word programming operation;
or a location in a sector being erased or blank checked;
or a location in any sector during chip erase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com