Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 28Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 29Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 30Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 32Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 33Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 34Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 35Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 32 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.4.6.4
Lock Register ASO
The system can access the Lock Register by issuing the Lock Register entry command sequence during Read Mode. This entry
command does not use a sector address from the entry command. The Lock Register appears at word location 0 in the device
address space. All other locations in the device address space are undefined.
The Lock Register ASO allows the following activities:
Read Lock Register, using device address location 0.
Program the customer Lock Register using a modified Word Programming command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.4.6.5
Password ASO
The system can access the Password ASO by issuing the Password entry command sequence during Read Mode. This entry
command does not use a sector address from the entry command. The Password appears at word locations 0 to 3 in the device
address space. All other locations in the device address space are undefined.
The Password ASO allows the following activities:
Read Password, using device address location 0 to 3.
Program the Password using a modified Word Programming command.
Unlock the PPB Lock bit with the Password Unlock command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.4.6.6
PPB ASO
The system can access the PPB ASO by issuing the PPB entry command sequence during Read Mode. This entry command does
not use a sector address from the entry command. The PPB bit for a sector appears in bit 0 of all word locations in the sector.
The PPB ASO allows the following activities:
Read PPB protection status of a sector in bit 0 of any word in the sector.
Program the PPB bit using a modified Word Programming command.
Erase all PPB bits with the PPB erase command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.
5.4.6.7
PPB Lock ASO
The system can access the PPB Lock ASO by issuing the PPB Lock entry command sequence during Read Mode. This entry
command does not use a sector address from the entry command. The global PPB Lock bit appears in bit 0 of all word locations in
the device.
The PPB Lock ASO allows the following activities:
Read PPB Lock protection status in bit 0 of any word in the device address space.
Set the PPB Lock bit using a modified Word Programming command.
ASO Exit using legacy Command Set Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com