Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 91Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 92Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 93Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 94Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 95Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 96Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 97Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 98Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 95 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
12.3
56-Ball FBGA
12.3.1
Connection Diagram
Figure 12.5 56-ball Fortified Ball Grid Array
Notes:
1. Ball G1, Do Not Use (DNU), a device internal signal is connected to the package connector. The connector may be used by Cypress® for test or other purposes and is
not intended for connection to any host system signal. Do not use these connections for PCB Signal routing channels. Though not recommended, the ball can be
connected to VCC or VSS through a series resistor.
2. Balls E7, F8, and H5, Reserved for Future Use (RFU).
3. Balls A3 and B3, No Connect (NC).
8
7
6
5
4
3
2
1
TOP VIEW
Product Pinout
512 Mb & 256 Mb Only
A21
A15
A16
A22
VSS
RFU/A24
A13
A12
RFU
A14
DQ7
DQ15
DQ14
A11
A9
A19
DQ6
A10
DQ12
DQ13
DQ5
A8
A20
RFU/A23
VIO
DQ4
RFU
WE#
RY/BY#
RESET#
VCC
DQ3
DQ11
WP#
A18
NC
DQ1
A17
DQ10
DQ9
DQ2
NC
A5
A6
VSS
A4
DQ0
OE#
DQ8
A7
A2
A3
A0
A1
DNU
CE#
AB
C
D
EF
G
H
Supports WP# only,
not WP#/ACC
512 Mb Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com