Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 39Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 40Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 41Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 42Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 43Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 44Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 45Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 46Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 43 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.7
Embedded Algorithm Performance Table
Notes:
1. Not 100% tested.
2. Typical program and erase times assume the following conditions: 25 °C, 3.0 V VCC, 10,000 cycle, and a random data pattern.
3. Under worst case conditions of 90 °C, VCC = 2.70 V, 100,000 cycles, and a random data pattern.
4. Effective write buffer specification is based upon a 512-byte write buffer operation.
5. In the pre-programming step of the Embedded Erase algorithm, all words are programmed to 0000h before Sector and Chip erasure.
6. System-level overhead is the time required to execute the bus-cycle sequence for the program command. See Table 7.1 on page 55 for further information on
command definitions.
Table 5.4 Embedded Algorithm Characteristics (-40°C to +85°C)
Parameter
Typ (Note 2)
Max (Note 3)
Unit
Comments
Sector Erase Time 128 kbyte
275
1100
ms
Includes pre-programming
prior to erasure (Note 5)
Single Word Programming Time (Note 1)
125
400
µs
Buffer Programming Time
2-byte (Note 1)
125
750
µs
32-byte (Note 1)
160
750
64-byte (Note 1)
175
750
128-byte (Note 1)
198
750
256-byte (Note 1)
239
750
512-byte
340
750
Effective Write Buffer Program
Operation per Word
512-byte
1.33
–
µs
Sector Programming Time 128 kB (full Buffer
Programming)
108
192
ms
(Note 6)
Erase Suspend/Erase Resume (tESL)
–
40
µs
Program Suspend/Program Resume (tPSL)
–
40
µs
Erase Resume to next Erase Suspend (tERS)100
–
µs
Minimum of 60 ns but
 typical
periods are needed for Erase
to progress to completion.
Program Resume to next Program Suspend (tPRS)100
–
µs
Minimum of 60 ns but
 typical
periods are needed for
Program to progress to
completion.
Blank Check
6.2
8.5
ms
NOP (Number of Program-operations, per Line)
–
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com