Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 30Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 32Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 33Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 34Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 35Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 36Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 37Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 34 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.5
Status Monitoring
There are three methods for monitoring EA status. Previous generations of the S29GL flash family used the methods called Data
Polling and Ready/Busy# (RY/BY#) Signal. These methods are still supported by the S29GL-S family. One additional method is
reading the Status Register.
5.5.1
Status Register
The status of program and erase operations is provided by a single 16-bit status register. The status is receiver by writing the Status
Register Read command followed by a read access. When the Status Register read command is issued, the current status is
captured (by the rising edge of WE#) into the register and the ASO is entered. The contents of the status register is aliased (overlaid)
on the full memory address space. Any valid read (CE# and OE# low) access while in the Status Register ASO will exit the ASO
(with the rising edge of CE# or OE# for tCEPH/tOEPH time) and return to the address space map in use when the Status Register
Read command was issued.
The status register contains bits related to the results - success or failure - of the most recently completed Embedded Algorithms
(EA):
Erase Status (bit 5),
Program Status (bit 4),
Write Buffer Abort (bit 3),
Sector Locked Status (bit 1),
RFU (bit 0).
and, bits related to the current state of any in process EA:
Device Busy (bit 7),
Erase Suspended (bit 6),
Program Suspended (bit 2),
The current state bits indicate whether an EA is in process, suspended, or completed.
The upper 8 bits (bits 15:8) are reserved. These have undefined High or Low value that can change from one status read to another.
These bits should be treated as don't care and ignored by any software reading status.
The Soft Reset Command will clear to 0 bits [5, 4, 1, 0] of the status register if Status Register bit 3 =0. It will not affect the current
state bits. The Clear Status Register Command will clear to 0 the results related bits of the status register but will not affect the
current state bits.
Notes:
1. Bits 15 thru 8, and 0 are reserved for future use and may display as 0 or 1. These bits should be ignored (masked) when checking status.
2. Bit 7 is 1 when there is no Embedded Algorithm in progress in the device.
3. Bits 6 thru 1 are valid only if Bit 7 is 1.
4. All bits are put in their reset status by cold reset or warm reset.
Table 5.2 Status Register
Bit #
15:8
7
6
543210
Bit
Description
Reserved
Device
Ready Bit
Erase
Suspend
Status Bit
Erase Status
Bit
Program
Status Bit
Write Buffer
Abort Status
Bit
Program
Suspend
Status Bit
Sector Lock
Status Bit
Reserved
Bit Name
DRB
ESSB
ESB
PSB
WBASB
PSSB
SLSB
Reset Status
X
1
0
000000
Busy Status
Invalid
0
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Ready
Status
X1
0 = No Erase
in
Suspension
1 = Erase in
Suspension
0 = Erase
successful
1 = Erase
fail
0 = Program
successful
1 = Program
fail
0 = Program
not aborted
1 = Program
aborted
during Write
to Buffer
command
0 = No
Program in
suspension
1 = Program
in
suspension
0 = Sector
not locked
during
operation
1 = Sector
locked error
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com