Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 65Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 66Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 67Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 68Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 69Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 70Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 71Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 72Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 69 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
10. Electrical Specifications
10.1
Absolute Maximum Ratings
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, input or I/O pins may undershoot VSS to –2.0 V for periods of up to 20 ns. See
Figure 10.3 on page 71. Maximum DC voltage on input or I/O pins is VCC + 0.5 V. During voltage transitions, input or I/O pins may overshoot to VCC + 2.0 V for periods
up to 20 ns. See Figure 10.4 on page 71
2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
3. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum
rating conditions for extended periods may affect device reliability.
10.2
Latchup Characteristics
This product complies with JEDEC standard JESD78C latchup testing requirements.
10.3
Thermal Resistance
10.4
Operating Ranges
10.4.1
Temperature Ranges
Table 10.1 Absolute Maximum Ratings
Storage Temperature Plastic Packages
-65 °C to +150 °C
Ambient Temperature with Power Applied
-65 °C to +125 °C
Voltage with Respect to Ground
All pins other than RESET# (Note 1)
-0.5 V to (VIO + 0.5 V)
RESET# (Note 1)
-0.5 V to (VCC + 0.5 V)
Output Short Circuit Current (Note 2)
100 mA
VCC
-0.5 V to +4.0 V
VIO
-0.5 V to +4.0 V
Table 10.2 Thermal Resistance
Parameter
Description
LAA064
LAE064
TS056
Unit
Theta Ja
Thermal resistance (junction to ambient)
25
27.3
46.2
°C/W
Parameter
Symbol
Device
Spec
Unit
Min
Max
Ambient Temperature
TA
Industrial (I)
–40
+85
°C
Industrial Plus (V)
–40
+105
Automotive, AEC-Q100 Grade 3 (A)
–40
+85
Automotive, AEC-Q100 Grade 2 (B)
–40
+105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com