Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 64Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 65Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 66Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 67Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 68Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 69Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 70Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 71Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 68 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
9.4.3
Page Read
After a Random Read access is completed, if CE# remains Low, OE# remains Low, the AMAX to A4 address signals remain stable,
and any of the A3 to A0 address signals change, a new access within the same Page begins. The Page Read completes much
faster (tPACC) than a Random Read access.
9.5
Write
9.5.1
Asynchronous Write
When WE# goes Low after CE is Low, there is a transition from one of the read states to the Write state. If WE# is Low before CE#
goes Low, there is a transition from the Standby state directly to the Write state without beginning a read access.
When CE# is Low, OE# is High, and WE# goes Low, a write data transfer begins. Note, OE# and WE# should never be Low at the
same time to ensure no data bus contention between the host system and memory. When the asynchronous write cycle timing
requirements are met the WE# can go High to capture the address and data values in to EAC command memory.
Address is captured by the falling edge of WE# or CE#, whichever occurs later. Data is captured by the rising edge of WE# or CE#,
whichever occurs earlier.
When CE# is Low before WE# goes Low and stays Low after WE# goes High, the access is called a WE# controlled Write. When
WE# is High and CE# goes High, there is a transition to the Standby state. If CE# remains Low and WE# goes High, there is a
transition to the Read with Output Disable state.
When WE# is Low before CE# goes Low and remains Low after CE# goes High, the access is called a CE# controlled Write. A CE#
controlled Write transitions to the Standby state.
If WE# is Low before CE# goes Low, the write transfer is started by CE# going Low. If WE# is Low after CE# goes High, the address
and data are captured by the rising edge of CE#. These cases are referred to as CE# controlled write state transitions.
Write followed by Read accesses, in which CE# remains Low between accesses, requires an address change to initiate the
following read access.
Back to Back accesses, in which CE# remains Low between accesses, requires an address change to initiate the second access.
The EAC command memory array is not readable by the host system and has no ASO. The EAC examines the address and data in
each write transfer to determine if the write is part of a legal command sequence. When a legal command sequence is complete the
EAC will initiate the appropriate EA.
9.5.2
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on WE# will not initiate a write cycle.
9.5.3
Logical Inhibit
Write cycles are inhibited by holding OE# at VIL, or CE# at VIH, or WE# at VIH. To initiate a write cycle, CE# and WE# must be Low
(VIL) while OE# is High (VIH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com