Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS10DFIV13 Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 99Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 103Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 104Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 105Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 106Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 103 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
16. Revision History
Document History Page
Document Title: S29GL01GS/S29GL512S/S29GL256S/S29GL128S,
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte), 3.0 V, GL-S Flash Memory
Document Number: 001-98285
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
–
BWHA
02/11/2011
Initial release.
*A
–
BWHA
03/21/2011 Global:
Modified document from “Advance Information” to “Preliminary”
OPN:
Added FBGA package offering for V1 & V2 Model Number
Removed KGD information, which is documented in a separate Supplement
Command Definitions Table:
Removed duplicated commands
Changed the number of command cycles for a CFI Enter from 3 to 1
Physical Interface:
Updated 56-pin TSOP pinout figure
Updated 64-ball FBGA pinout figure
Other Resources:
Added additional application notes in “Links to Application Notes”
Lock Register Table:
Changed the default value of bit 7 in the Lock register
*B
–
BWHA
07/08/2011 Performance Summary:
Updated table: Typical Program and Erase Rates
Secure Silicon Region ASO:
Corrected table: Secure Silicon Region
DQ1: Write-to-Buffer Abort:
Corrected table: Data Polling Status
Embedded Algorithm Performance Table:
Updated table: Embedded Algorithm Characteristics
Command State Transitions:
Corrected tables: changed Software Reset/ASO Exit Data value to from 00F0h
to xF0h
Corrected table: Erase Suspend Unlock State Command Transition
Corrected table: Erase Suspend - DYB State Command Transition
Corrected table: Program Unlock State Command Transition
Corrected table: Lock Register State Command Transition
Corrected table: Secure Silicon Sector Program State Command Transition
Corrected table: Password Protection Command State Transition
Corrected table: Non-Volatile Protection Command State Transition
Corrected table: PPB Lock Bit Command State Transition
Corrected table: Volatile Sector Protection Command State Transition
Device ID and Common Flash Interface (ID-CFI) ASO Map:
Corrected table: Corrected CFI Primary Vendor-Specific Extended Query
description for Word Address (SA) + 0045h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com