Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 26 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 22Page - Texas Instruments CC2400-RTR1 Datasheet HTML 23Page - Texas Instruments CC2400-RTR1 Datasheet HTML 24Page - Texas Instruments CC2400-RTR1 Datasheet HTML 25Page - Texas Instruments CC2400-RTR1 Datasheet HTML 26Page - Texas Instruments CC2400-RTR1 Datasheet HTML 27Page - Texas Instruments CC2400-RTR1 Datasheet HTML 28Page - Texas Instruments CC2400-RTR1 Datasheet HTML 29Page - Texas Instruments CC2400-RTR1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
CC2400
SWRS042A
Page 26 of 83
Pin name
SCLK
SI
SO
CSn
DIO/
PKT
DCLK/
FIFO
RX
TX
GIO1*
GIO6*
Pin number
32
33
34
31
29
30
27
28
21
35
Direction
I
I
O
I
I/O
O
I
I
O
O
Buffered
mode
SCLK
SI
SO
CSn
-
FIFO
(RX)
(TX)
(GIO1)
(GIO6)
Buffered
mode with
Packet
handling
SCLK
SI
SO
CSn
PKT
FIFO
(RX)
(TX)
(GIO1)
(GIO6)
Un-buffered
mode
SCLK
SI
SO
CSn
DIO
DCLK
(RX)
(TX)
(GIO1)
(GIO6)
NOTE: Pin functions in parentheses are optional
* The use of GIO1 and GIO6 are selected in register IOCFG (address 0x08)
Table 15. Pin configuration
CC2400
µC
CSn
SI
SO
SCLK
Other Circuit
CSn
SI
SO
SCLK
MOSI
MISO
SCLK
GIO1
GIO2
CC2400
µC
CSn
SI
SO
SCLK
MOSI
MISO
SCLK
GIO1
DIO/PKT
DCLK/FIFO
Data &
Control
Control
Data
Buffered RF Mode:
Unbuffered RF Mode:
CC2400
µC
CSn
SI
SO
SCLK
MOSI
MISO
SCLK
GIO1
Control
Full hardware support for packet handling :
GIO2
DIO/PKT
DCLK/FIFO
GIO3
GIO4
RX
TX
GIO5
GIO6
GIO1
GIO6
GIO7
Data &
Control
Figure 8. Microcontroller interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com