Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 42 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 38Page - Texas Instruments CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments CC2400-RTR1 Datasheet HTML 42Page - Texas Instruments CC2400-RTR1 Datasheet HTML 43Page - Texas Instruments CC2400-RTR1 Datasheet HTML 44Page - Texas Instruments CC2400-RTR1 Datasheet HTML 45Page - Texas Instruments CC2400-RTR1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
CC2400
SWRS042A
Page 42 of 83
AFC settling time
MDMTST0.AFC_SETTLING[1:0]
# Bits
00
2
01
4
10
8
11
16
Table 17. Minimum number of bits for the averaging filter
32 Automatic Frequency Control
CC2400 has a built-in optional feature
called
AFC
(Automatic
Frequency
Control). This feature can be used to
measure and compensate for frequency
drift.
The average frequency offset of the
received signal (from the nominal IF) can
be
read
from
the
FREQEST.RX_FREQ_OFFSET[7:0]
register. This is a signed (2’s-complement)
8-bit
value
that
can
be
used
to
compensate for frequency offset between
an external transmitter and the receiving
device. The frequency offset is given by:
∆F= RX_FREQ_OFFSET x 5.2 [kHz]
The receiver can be calibrated against an
external transmitter (another
CC2400 or an
external test signal) by changing the
operating frequency according to the
measured offset. The new frequency must
be calculated by the microcontroller and
written
to
the
MDMCTRL.MOD_OFFSET[5:0]
register.
After
this
compensation
the
center
frequency of the received signal will better
match the digital channel filter bandwidth.
The compensation, as described above,
also
automatically
compensates
the
transmitter, i.e. the transmitted signal will
match the ‘external’ transmitter’s signal.
However, compensating the transmitter
signal may cause additional spurs in the
TX
spectrum.
Chipcon
therefore
recommends only compensating in RX
mode.
This feature reduces the requirement on
the crystal accuracy, which is important
when
using
the
narrower
channel
bandwidths. For a further description of
this feature please refer to page 53
(Crystal drift compensation).
Figure 21 shows how the value of the
FREQEST.RX_FREQ_OFFSET[7:0]
register varies as a function of frequency
offset
for
different
values
of
MDMTST0.AFC_SETTLING[1:0]
.
Chipcon recommends using a value of 4.
The
following
procedure
should
be
followed
when
using
the
AFC
to
compensate
for
a
frequency
offset
between transmitter and receiver:
1. Read
the
FREQEST.RX_FREQ_OFFSET[7:
0]
register. This is a signed 2’s-
complement value.
2. Use the equation on this page to
calculate the frequency offset in
kHz.
3. The microcontroller then needs to
calculate the equivalent value to
write
to
the
MDMCTRL.MOD_OFFSET[5:0]
register.
For example:
The value read from the
FREQEST.RX_FREQ_OFFSET[7:0]
register is 0xE0. This equals –32 since the
register value is in signed 2’s complement.
This corresponds to –32 x 5.2 = -166.4
kHz.
The MOD_OFFSET register should
therefore be set to –166.4 kHz / 15.625
kHz = -10.6496 ≈ -11. –11 equals 0x35 in
hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com