Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 80 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 80 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 76Page - Texas Instruments CC2400-RTR1 Datasheet HTML 77Page - Texas Instruments CC2400-RTR1 Datasheet HTML 78Page - Texas Instruments CC2400-RTR1 Datasheet HTML 79Page - Texas Instruments CC2400-RTR1 Datasheet HTML 80Page - Texas Instruments CC2400-RTR1 Datasheet HTML 81Page - Texas Instruments CC2400-RTR1 Datasheet HTML 82Page - Texas Instruments CC2400-RTR1 Datasheet HTML 83Page - Texas Instruments CC2400-RTR1 Datasheet HTML 84Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
CC2400
SWRS042A
Page 80 of 83
55 Plastic Tube Specification
QFN 7x7 mm antistatic tube.
Tube Specification
Package
Tube Width
Tube Height
Tube Length
Units per Tube
QFN 48
8.5
± 0.2 mm
2.2 +0.2/-0.1
mm
315
± 1.25 mm
43
56 Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QFN 48
16 mm
12 mm
4 mm
13 inch
4000
57 Ordering Information
Ordering part number
Description
MOQ
1170
CC2400-STB1
CC2400, QFN48 package, standard leaded assembly, tubes with
43 pcs per tube, 2.4 GHz RF transceiver.
43
1096
CC2400-STR1
CC2400, QFN48 package, standard leaded assembly, T&R with
4000 pcs per reel, 2.4 GHz RF transceiver.
4,000
1139
CC2400-RTB1
CC2400, QFN48 package, RoHS compliant Pb-free assembly,
tubes with 43 pcs per tube, 2.4 GHz RF transceiver.
43
1140
CC2400-RTR1
CC2400, QFN48 package, RoHS compliant Pb-free assembly,with
4000/T&R per reel, 2.4 GHz RF transceiver.
4,000
10031
CC2400DK
CC2400DK Development kit
1
10041
CC2400DBK
CC2400DBK, Demonstration Board Kit
1
1097
CC2400SK
CC2400 QFN48 package, standard leaded assembly, (5 pcs.)
1
1162
CC2400SK RoHS
CC2400 QFN48 package, RoHS compliant Pb-free assembly, 5
pcs.
1
MOQ = Minimum Order Quantity
T&R = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com