Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 2Page - Texas Instruments CC2400-RTR1 Datasheet HTML 3Page - Texas Instruments CC2400-RTR1 Datasheet HTML 4Page - Texas Instruments CC2400-RTR1 Datasheet HTML 5Page - Texas Instruments CC2400-RTR1 Datasheet HTML 6Page - Texas Instruments CC2400-RTR1 Datasheet HTML 7Page - Texas Instruments CC2400-RTR1 Datasheet HTML 8Page - Texas Instruments CC2400-RTR1 Datasheet HTML 9Page - Texas Instruments CC2400-RTR1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
CC2400
SWRS042A
Page 6 of 83
3
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Condition
Supply voltage, chip core,
AVDD/DVDD1.8=VDD
−0.3
2.0
V
Supply voltage (DVDD3.3=VDDIO), digital I/O
−0.3
3.6
V
Voltage on any pin, core
−0.3
VDD+0.3,
max 2.0
V
Voltage on any pin, digital I/O (pin no. 27-35)
−0.3
VDDIO+0.3,
max 3.6
V
Input RF level
10
dBm
Storage temperature range
−50
150
°C
Reflow solder temperature
260
°C
T = 10 s
NOTE:
The supply voltage to the chip core (AVDD/DVDD1.8) should not be switched off when the digital IO (DVDD3.3)
supply voltage is still applied to the chip. If this is done, a large current will flow inside the
CC2400 and the chip may
be damaged as a result.
If the core supply needs to be switched off to lower the power consumption, please see page 17 for a suggested
solution.
The absolute maximum ratings given
above should under no circumstances be
violated. Stress exceeding one or more of
the limiting values may cause permanent
damage to the device.
Caution!
ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
4
Operating Conditions
Parameter
Min.
Typ.
Max.
Unit
Condition
Supply voltage, chip core,
AVDD/DVDD1.8
1.6
2.0
V
Supply voltage (DVDD3.3), digital
I/O, VDDIO
1.6
3.6
V
The digital I/O voltage (DVDD3.3
pin) must match the interfacing
circuit.
Recommended supply voltage, chip
core, AVDD/DVDD1.8
1.8V
Recommended supply voltage
(DVDD3.3), digital I/O
1.8V/
3.3V
Operating ambient temperature
range
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com