Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 4Page - Texas Instruments CC2400-RTR1 Datasheet HTML 5Page - Texas Instruments CC2400-RTR1 Datasheet HTML 6Page - Texas Instruments CC2400-RTR1 Datasheet HTML 7Page - Texas Instruments CC2400-RTR1 Datasheet HTML 8Page - Texas Instruments CC2400-RTR1 Datasheet HTML 9Page - Texas Instruments CC2400-RTR1 Datasheet HTML 10Page - Texas Instruments CC2400-RTR1 Datasheet HTML 11Page - Texas Instruments CC2400-RTR1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
CC2400
SWRS042A
Page 8 of 83
7
RF Transmit section
Tc = 25
°C, AVDD/DVDD1.8 = 1.8 V, DVDD3.3 = 3.3V (digital I/O) if nothing else stated. Measured on Chipcon’s
CC2400EM reference design.
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Binary FSK frequency deviation
0
250
500
±kHz
The frequency corresponding to
the digital "0" is denoted f0, while
f1 corresponds to a digital "1".
The frequency deviation is given
by fd=±(f1−f0)/2. The RF carrier
frequency, fc, is then given by
fc=(f0+f1)/2.
Nominal output power
0
dBm
Default settings.
Power delivered to a 50
Ω single-
ended load through a balun. The
output power is programmable in
8 steps.
Programmable output power range
25
dB
20 dB bandwidth
FSK
GFSK
1.2
1.0
MHz
MHz
Maximum output power.
Modulation is 1 Mbps, NRZ data,
± 250 kHz frequency deviation.
Adjacent Channel Power (ACP)
FSK
GFSK
-30
-43
dBc
dBc
Maximum output power.
Modulation is 1 Mbps, NRZ data,
± 250 kHz frequency deviation.
Measured at 2 MHz offset.
Harmonics
2
nd order harmonic
3
rd order harmonic
-41
-54
dBm
dBm
At max output power delivered to
50
Ω single-ended load through a
balun. Carrier modulated with
pseudo-random data. See p.50.
Spurious emission
30 - 1000 MHz
1– 12.75 GHz
1.8 – 1.9 GHz
5.15 – 5.3 GHz
-65
-41
-69
-65
-36
-30
-47
-47
dBm
dBm
dBm
dBm
Maximum output power.
Modulation is 1 Mbps FSK, NRZ
data, ±250 kHz frequency
deviation.
Complying with EN 300 440,
CFR47 Part 15 and ARIB STD-
T66
Optimum load impedance
110
+ j130
Ω
Differential impedance as seen
from the RF-port (RF_P and
RF_N) towards the antenna. For
matching details see “Input/
output matching” page 50 as well
as the application circuit
description on page 17.
Table 3 Transmit characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com