Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 60 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 56Page - Texas Instruments CC2400-RTR1 Datasheet HTML 57Page - Texas Instruments CC2400-RTR1 Datasheet HTML 58Page - Texas Instruments CC2400-RTR1 Datasheet HTML 59Page - Texas Instruments CC2400-RTR1 Datasheet HTML 60Page - Texas Instruments CC2400-RTR1 Datasheet HTML 61Page - Texas Instruments CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
CC2400
SWRS042A
Page 60 of 83
FSCTRL (0x01) - Frequency Synthesiser Control and Status
Bit
Field Name
Reset
R/W
Description
15:6
-
0
W0
Reserved, write as 0.
5:4
LOCK_THRESHOLD[1:0]
1
R/W
Number of consecutive reference clock periods with successful
sync windows required to indicate lock:
0: 64
1: 128
2: 256
3: 512
3
CAL_DONE
0
R
Calibration has been performed since the last time the FS was
turned on.
2
CAL_RUNNING
0
R
Calibration status, '1' when calibration in progress.
1
LOCK_LENGTH
0
R/W
LOCK_WINDOW pulse width:
0: 2 CLK_PRE periods
1: 4 CLK_PRE periods
0
LOCK_STATUS
0
R
'1' when PLL is in lock, otherwise '0'.
FSDIV (0x02) - Frequency Synthesiser Frequency Division Control
Bit
Field Name
Reset
R/W
Description
15:12
-
0
W0
Reserved, write as 0.
11:10
FREQ[11:10]
2
R
Read only.
Directly gives the right frequency in MHz when reading/writing
FREQ[11:0]
.
9:0
FREQ[9:0]
353
R/W
Frequency control word.
[
][ ]
0
:
9
2048
0
:
11
FREQ
FREQ
f
c
+
=
=
[MHz]
where
fc is the channel centre frequency. See page 47 for a
description of how to program the channel for tansmit and
receive modes respectively.
Reading/writing FREQ[11:0] gives the right frequency in MHz.
The default value corresponds to
fc=2401MHz.
MDMCTRL (0x03) - Modem Control and Status
Bit
Field Name
Reset
R/W
Description
15:13
-
0
W0
Reserved, write as 0.
12:7
MOD_OFFSET[5:0]
0
R/W
Modulator/Demodulator centre frequency in 15.625 kHz steps
(for the receiver the steps are relative to 1 MHz, for the
transmitter the steps are relative to 0MHz when
MDMTST0.TX_1MHZ_OFFSET_N=1
).
Two's complement signed value. I.e. MOD_OFFSET=0x1F
centre frequency=1.48 MHz; MOD_OFFSET=0x20
centre
frequency=0.50 MHz.
6:0
MOD_DEV[6:0]
64
R/W
Modulator frequency deviation in 3.9062 kHz steps (0-500 kHz).
Unsigned value. Reset value gives a deviation of 250 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com