Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 81 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 76Page - Texas Instruments CC2400-RTR1 Datasheet HTML 77Page - Texas Instruments CC2400-RTR1 Datasheet HTML 78Page - Texas Instruments CC2400-RTR1 Datasheet HTML 79Page - Texas Instruments CC2400-RTR1 Datasheet HTML 80Page - Texas Instruments CC2400-RTR1 Datasheet HTML 81Page - Texas Instruments CC2400-RTR1 Datasheet HTML 82Page - Texas Instruments CC2400-RTR1 Datasheet HTML 83Page - Texas Instruments CC2400-RTR1 Datasheet HTML 84Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
CC2400
SWRS042A
Page 81 of 83
58 General Information
58.1 Document History
Revision
Date
Description/Changes
1.5
2006-03-20
Removed QLP information
1.4
2006-01-16
Address information and ordering information have
been updated.
1.3
2004-10-20
Various clarifications.
Added recommended PCB footprint.
Added package height.
Added radio control state diagram with state ID
numbers.
Added information about EN 300 328 and EN 300
440.
Added AFC, RSSI settling time and 20 dB bandwidth
to electrical specifications.
Electrical specifications updated.
Bit 5 of the STATUS register has been set as
reserved; see Errata Note 003 for details.
RSSI and carrier sense value calculation clarified and
corrected.
Added graphs showing typical current consumption,
sensitivity
and
output
power
as
function
of
temperature
Clarified packet handling and data buffering sections.
Description of the FSMTC register corrected.
Added example calculation to AFC description.
Updated ordering information with RoHS-compliant
Pb-free versions.
“CRC-16” replaced with “CRC”.
Reorganized electrical specification section.
Added chapter numbering.
Added QFN 48 package description.
Added IC marking description.
RSSI value calculation corrected.
1.2
2004-02-05
Various clarifications.
Single-ended operation of the chip has been
removed.
Corrected value of DEC_VAL for 250 kbps data rate.
Added information that the core supply cannot be
switched off while I/O supply is still on.
Electrical specification updated.
Selectivity in-band is now measured using a FSK
modulated interferer.
Added note that choice of crystal package strongly
affects price.
Added section about low-latency systems.
Added graph of sensitivity vs. frequency offset.
Added plot of modulated spectrum.
Added more information about AFC.
Added information about using an external PA.
Operating conditions put into separate table.
1.1
2003-10-02
Removed 32 kHz oscillator.
Added L71 to application circuit.
Modified component names in application circuit to
match reference design.
Corrected E2 and D2 package dimensions.
Minor corrections and editorial changes.
Added recommendation on length of preamble when
using GFSK.
Added Manchester data encoding.
1.0
2003-09-10
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com