Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 41 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 37Page - Texas Instruments CC2400-RTR1 Datasheet HTML 38Page - Texas Instruments CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments CC2400-RTR1 Datasheet HTML 42Page - Texas Instruments CC2400-RTR1 Datasheet HTML 43Page - Texas Instruments CC2400-RTR1 Datasheet HTML 44Page - Texas Instruments CC2400-RTR1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
CC2400
SWRS042A
Page 41 of 83
31 Demodulator, Bit Synchronizer and Data Decision
The block diagram for the demodulator,
data slicer and bit synchronizer is shown
in Figure 20. The built-in bit synchronizer
extracts the data rate and performs data
decision. The data decision is done using
over-sampling and digital filtering of the
incoming
signal.
This
improves
the
reliability of the data transmission and
provides a synchronous clock in the un-
buffered mode. Using the buffered mode
simplifies the data interface further, as
data can be written and read byte-for-byte
in bursts from the FIFO.
The suggested preamble is a 32 bit
‘(0)10101…’ bit pattern, the same as used
by the packet handling support, see page
29.
This
is
necessary
for
the
bit
synchronizer to synchronize with the
coding correctly.
The data slicer performs the bit decision.
Ideally the two received FSK frequencies
are placed symmetrically around the IF
frequency. However, if there is some
frequency error between the transmitter
and the receiver, the bit decision level
should be adjusted accordingly. In
CC2400
this is done automatically by measuring
the two frequencies and by using the
average value as the decision level.
The digital data slicer in
CC2400 uses an
average value of the minimum and
maximum frequency deviation detected as
the
comparison
level.
The
MDMTST0.AFC_DELTA
register is used to
set the expected deviation of the incoming
signal. Once a shift in the received
frequency larger than half the expected
separation is detected, a bit transition is
recorded and the average value to be
used by the data slicer is calculated.
The actual number of samples used to find
the averaging value can be programmed
and set higher for better data decision
accuracy. This is controlled by the
AFC_SETTLING[1:0]
bits. If RX data is
present in the channel when the RX chain
is turned on, then the data slicing estimate
will usually give correct results after 4 bits.
The data slicing accuracy will increase
after
this,
depending
on
the
AFC_SETTLING[1:0]
bits. If the start of
a transmission occurs after the RX chain
is turned on, the minimum number of bit
transitions (or preamble bits) before
correct data slicing will depend on the
AFC_SETTLING[1:0]
bits, as shown in
Table 17. The recommended setting is
11b, requiring 16 data bits of preamble to
fill the averaging filter completely.
The internally calculated average FSK
frequency value gives a measure for the
frequency offset of the receiver compared
to the transmitter. The frequency offset
can
be
read
from
RSSI.RX_FREQ_OFFSET[7:0]
.
This
information can also be used for an
automatic frequency control, as described
at page 43.
Figure 20. Demodulator block diagram
Digital IF
filtering
Average
filter
Data
filter
Decimator
Frequency
detector
Data slicer
comparator
Bit
synchronizer
and data
decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com