Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 29 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 25Page - Texas Instruments CC2400-RTR1 Datasheet HTML 26Page - Texas Instruments CC2400-RTR1 Datasheet HTML 27Page - Texas Instruments CC2400-RTR1 Datasheet HTML 28Page - Texas Instruments CC2400-RTR1 Datasheet HTML 29Page - Texas Instruments CC2400-RTR1 Datasheet HTML 30Page - Texas Instruments CC2400-RTR1 Datasheet HTML 31Page - Texas Instruments CC2400-RTR1 Datasheet HTML 32Page - Texas Instruments CC2400-RTR1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
CC2400
SWRS042A
Page 29 of 83
23 Packet Handling Hardware Support
The
CC2400 has built-in hardware support
for packet oriented radio protocols.
The buffered mode packet handling
support can in transmit mode be used to
construct the data packet:
•
Add a programmable number of
preamble bytes
•
Add a synchronization word
•
Compute
and
add
a
CRC
computed over the data field
In receive mode the packet handling
support can be used to de-construct the
data packet:
•
Synchronization word detection
•
Compute and check the received
CRC
The packet handling support can be
combined with the 8/10 line-encoding
scheme. The 8/10 coding will apply to the
data field (FIFO data) of the packet only
(and CRC).
In un-buffered mode the synchronization
word detection can be used to mute DCLK
until a valid sync word is received.
23.1 Data packet format
The format of the data packet can be
configured, and can consist of the
following items:
•
Preamble
•
Synchronization word
•
Data
•
CRC
See Table 16 and Figure 11 for details.
The preamble pattern is ‘(0)101010…’.
The first bit in the preamble is always the
same as the first bit in the synchronization
word. The length of the preamble is
programmable.
The
default
and
recommended length is 4 bytes.
When using GFSK modulation at 1 Mbps,
Chipcon recommends using a preamble
length of 32 bytes in order to avoid a high
level of bit errors. If low packet overhead
is required, Chipcon recommends that
FSK be used at 1 Mbps instead of GFSK.
GRMDM.
PRE_BYTES[2:0]
Number of bytes
(8 bits)
000
0*
001
1
010
2
011
4
100
8
101
16
110
32
111
Infinitely until TX
GRMDM.PRE_BYTES
[2:0]
is set to 000
* Should not be used if packet reception is to be
used. Use to terminate infinite transmission (111).
The length of the synchronization word is
programmable as shown below.
GRMDM.
SYNC_WORD_SIZE
[1:0]
Number of bits
00
8
01
16
10
24
11
32
The
synchronization
word
is
programmable in the SYNCL and SYNCH
registers. The default (and recommended)
synchronization word length is 32 bits,
which gives high immunity against false
synchronization word indication. If lower
immunity can be accepted, one can
reduce the length to 16 bits. (However,
using 8 bits will typically give too many
false synchronization word indications.)
A threshold on the number of bits in error
when receiving the synchronization word
can
be
programmed
in
GRMDM.SYNC_ERRBITS_ALLOWED[1:0]
in the range 0 – 3. (A threshold of 0 is
default.)
23.2 Error detection
When the CRC is enabled it will be
calculated based on the data field of the
packet, i.e. not including the preamble or
the
synchronization
word.
When
transmitting the packet the CRC is
appended after the last data byte in the
data field, i.e. when the FIFO becomes
empty.
When a packet is being received the CRC
is calculated as the data is read out of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com