Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 45 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments CC2400-RTR1 Datasheet HTML 42Page - Texas Instruments CC2400-RTR1 Datasheet HTML 43Page - Texas Instruments CC2400-RTR1 Datasheet HTML 44Page - Texas Instruments CC2400-RTR1 Datasheet HTML 45Page - Texas Instruments CC2400-RTR1 Datasheet HTML 46Page - Texas Instruments CC2400-RTR1 Datasheet HTML 47Page - Texas Instruments CC2400-RTR1 Datasheet HTML 48Page - Texas Instruments CC2400-RTR1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
CC2400
SWRS042A
Page 45 of 83
35 Carrier Sense
The carrier sense signal is based on the
measured
RSSI
value
and
a
programmable threshold. The carrier-
sense function can be used to simplify the
implementation of a CSMA (Carrier Sense
Multiple Access) medium access protocol.
Carrier
sense
threshold
level
is
programmed
by
RSSI.RSSI_CS_THRES[5:0].
The
value of this register can be calculated in
the
same
way
as
described
for
RSSI.RSSI_VAL
in the previous section,
except that the unit is 4 dB instead of 1
dB. The default level (0x3C) corresponds
to a threshold of –70 dBm. A threshold of
0x09 corresponds to –18 dBm, and a
threshold of 0x37 corresponds to –90
dBm.
The
carrier
sense
signal
can
be
multiplexed to the GIO1/GIO6 pin. The
CARRIER_SENSE_N signal is enabled by
setting
IOCFG.GIO1_CFG[5:0]
=
01010B
(see Table 18).
36 Interfacing an External LNA or PA
CC2400 has two digital output pins, GIO1
and GIO6, which can be used to control
an external LNA or PA. The functionality of
these pins are controlled through the
IOCFG
register.
The PA_EN, PA_EN_N, RX_PD, TX_PD
signals
can
be
multiplexed
to
the
GIO1/GIO6 pin and used for controlling
the PA / LNA and one or more T/R
switches.
These two pins can also be used as two
general control signals, see Table 18.
For further information on attaching a PA,
please see page 54.
37 General Purpose / Test Output Control Pins
The two digital output pins, GIO1 and
GIO6, can be used as two general control
signals
by
writing
to
IOCFG.GIO1_CFG[5:0]
and
IOCFG.GIO6_CFG[5:0]
.
GIO1_CFG = 61
sets the pin low, and
GIO1_CFG = 62
sets the pin high.
This feature can be used to save I/O pins
on the microcontroller when the other
functions associated with these pins are
not used.
These two pins can also be used as a test
pin to monitor a lot of internal signals. This
is summarized in Table 18.
GIO1_CFG /
GIO6_CFG
[decimal]
Signal
I/O
Description
0
Reserved
O
Reserved
1
Reserved
O
Reserved
2
Reserved
O
Reserved
3
PA_EN
O
Active high PA enable signal
4
PA_EN_N
O
Active low PA enable signal
5
SYNC_RECEIVED
O
Set if a valid sync word has been received since last
time RX was turned on
6
PKT
O
Packet status signal See Figure 10, page 28.
7
Reserved
I
Reserved
8
Reserved
O
Reserved
9
Reserved
O
Reserved
10
CARRIER_SENSE_N
O
Carrier sense output (RSSI above threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com