Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 70 Page - Texas Instruments

Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 66Page - Texas Instruments CC2400-RTR1 Datasheet HTML 67Page - Texas Instruments CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments CC2400-RTR1 Datasheet HTML 70Page - Texas Instruments CC2400-RTR1 Datasheet HTML 71Page - Texas Instruments CC2400-RTR1 Datasheet HTML 72Page - Texas Instruments CC2400-RTR1 Datasheet HTML 73Page - Texas Instruments CC2400-RTR1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
CC2400
SWRS042A
Page 70 of 83
FSTST0 (0x1A) - Frequency Synthesiser Test Register 0
Bit
Field Name
Reset
R/W
Description
15:14
RXMIXBUF_CUR[1:0]
2
R/W
RX mixer buffer bias current.
0: 690uA
1: 980uA
2: 1.16mA (nominal)
3: 1.44mA
13:12
TXMIXBUF_CUR[1:0]
2
R/W
TX mixer buffer bias current.
0: 690uA
1: 980uA
2: 1.16mA (nominal)
3: 1.44mA
11
VCO_ARRAY_SETTLE_LONG
0
R/W
When '1' this control bit doubles the time allowed for VCO
settling during FS calibration.
10
VCO_ARRAY_OE
0
R/W
VCO array manual override enable.
9:5
VCO_ARRAY_O[4:0]
16
R/W
VCO array override value.
4:0
VCO_ARRAY_RES[4:0]
-
R
The resulting VCO array setting from the last calibration.
FSTST1 (0x1B) - Frequency Synthesiser Test Register 1
Bit
Field Name
Reset
R/W
Description
15
RXBPF_LOCUR
0
R/W
Controls reference bias current to RX band-pass filters:
0: 4 uA (nominal)
1: 3 uA
14
RXBPF_MIDCUR
0
R/W
Controls reference bias current to RX band-pass filters:
0: 4 uA (nominal)
1: 3.5 uA
13:10
VCO_CURRENT_REF[3:0]
4
R/W
The value of the reference current calibrated against during VCO
calibration.
9:4
VCO_CURRENT_K[5:0]
0
R/W
VCO current calibration constant (override value current B when
FSTST2.VCO_CURRENT_OE
=1).
3
VC_DAC_EN
0
R/W
Controls the source of the VCO control voltage in normal
operation (PAMTST.VC_IN_TEST_EN=0):
0: Loop filter (closed loop PLL)
1: VC DAC (open loop PLL)
2:0
VC_DAC_VAL[2:0]
2
R/W
VC DAC output value. (The value of the reference voltage used
during VCO calibration.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com