Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 14 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 10Page - Texas Instruments LM49150TLEVAL Datasheet HTML 11Page - Texas Instruments LM49150TLEVAL Datasheet HTML 12Page - Texas Instruments LM49150TLEVAL Datasheet HTML 13Page - Texas Instruments LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
0
250
500
750
1000
1250
1500
1750
2000
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
50
100
150
200
0
250
500
750
1000
1250
1500
OUTPUT POWER (mW)
VDD = 5V
VDD = 3.6V
VDD = 3.3V
0
10
20
30
40
50
60
70
80
90
100
200
400
600
800
OUTPUT POWER (mW)
0
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
OUTPUT POWER (mW)
LM49150, LM49150TLEVAL
SNAS439C – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Efficiency vs Output Power
Efficiency vs Output Power
VDD = 3.6V, RL = 8Ω, f = 1kHz
VDD = 5V, RL = 8Ω, f = 1kHz
Speaker Mode 1
Speaker Mode 1
Figure 27.
Figure 28.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
RL = 8Ω, f = 1kHz
RL = 32Ω, f = 1kHz
Speaker Mode 1
Headphone Mode 8
Figure 29.
Figure 30.
Power Dissipation vs Output Power
Output Power vs Supply Voltage
RL = 8Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Earpiece Bypass Mode
Speaker Mode 1
Figure 31.
Figure 32.
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com