Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 13 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments LM49150TLEVAL Datasheet HTML 10Page - Texas Instruments LM49150TLEVAL Datasheet HTML 11Page - Texas Instruments LM49150TLEVAL Datasheet HTML 12Page - Texas Instruments LM49150TLEVAL Datasheet HTML 13Page - Texas Instruments LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
-110
-100
-90
-80
-70
-60
-50
10
100
1k
10k
100k
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
200
400
600
800
OUTPUT POWER (mW)
0
-100
-90
-80
-70
-60
-50
10
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
10
100
1k
10k
100k
FREQUENCY (Hz)
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
LM49150, LM49150TLEVAL
www.ti.com
SNAS439C – AUGUST 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
PSRR vs Frequency
PSRR vs Frequency
VDD = 3.3V, VRIPPLE = 200mVP-P RL = 8Ω
VDD = 3.3V, VRIPPLE = 200VP-P RL = 8Ω
Loudspeaker Mode 1
Loudspeaker Mode 2
Figure 21.
Figure 22.
PSRR vs Frequency
PSRR vs Frequency
VDD = 3.3V, VRIPPLE = 200VP-P RL = 32Ω
VDD = 3.3V, VRIPPLE = 200VP-P RL = 32Ω
Headphone Mode 4
Headphone Mode 8
Figure 23.
Figure 24.
PSRR vs Frequency
Efficiency vs Output Power
VDD = 3.3V, VRIPPLE = 200VP-P RL = 8Ω
VDD = 3.3V, RL = 8Ω, f = 1kHz
Earpiece Bypass Mode
Speaker Mode 1
Figure 25.
Figure 26.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com