Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 8 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 4Page - Texas Instruments LM49150TLEVAL Datasheet HTML 5Page - Texas Instruments LM49150TLEVAL Datasheet HTML 6Page - Texas Instruments LM49150TLEVAL Datasheet HTML 7Page - Texas Instruments LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments LM49150TLEVAL Datasheet HTML 10Page - Texas Instruments LM49150TLEVAL Datasheet HTML 11Page - Texas Instruments LM49150TLEVAL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LM49150, LM49150TLEVAL
SNAS439C – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Electrical Characteristics 5.0V
(1)(2) (continued)
The following specifications apply for VDD = LSVDD = 5.0V, AV = 0dB, Loudspeaker RL = 15μH+8Ω+15μH, Earpiece RL = 8Ω, f
= 1kHz, unless otherwise specified. Limits apply for TA = 25C. LS = Loudspeaker, HP = Headphone, EP = Earpiece.
LM49150
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limits(2)
f = 217Hz, VCM = 1VP-P , RL = 8Ω
55
dB
EP Bypass
f = 217Hz, VCM = 1VP-P, RL = 8Ω
CMRR
Common-Mode Rejection Ratio
55
dB
LS, Mode 1
f = 217Hz, VCM = 1VP-P, RL = 32Ω
61
dB
HP, Mode 4
HP mode 8; PO = 12mW
XTALK
Crosstalk
78
dB
RL = 32Ω, f = 1kHz
CB = 2.2μF, HP,
27
ms
Normal Turn-On Mode
TON
Turn-On Time
CB = 2.2μF, HP,
15
ms
Fast Turn-On Mode
I
2C micro(1)
The following specifications apply for VDD = 5.0V and 3.3V, TA = 25°C, 2.2V ≤ I
2C_V
DD ≤ 5.5V, unless otherwise specified.
LM49150
Units
Symbol
Parameter
Conditions
(Limits)
Typical(2)
Limits(3)(4)
t1
I2C Clock Period
2.5
µs (min)
t2
I2C Data Setup Time
100
ns (min)
t3
I2C Data Stable Time
0
ns (min)
t4
Start Condition Time
100
ns (min)
t5
Stop Condition Time
100
ns (min)
t6
I2C Data Hold Time
100
ns (min)
VIH
I2C Input Voltage High
0.7xI2CVDD
V (min)
VIL
I2C Input Voltage Low
0.3xI2CVDD
V (max)
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Human body model, applicable std. JESD22-A114C.
(3)
Datasheet min/max specification limits are ensured by test or statistical analysis.
(4)
Machine model, applicable std. JESD22-A115-A.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com