Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 19 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments LM49150TLEVAL Datasheet HTML 19Page - Texas Instruments LM49150TLEVAL Datasheet HTML 20Page - Texas Instruments LM49150TLEVAL Datasheet HTML 21Page - Texas Instruments LM49150TLEVAL Datasheet HTML 22Page - Texas Instruments LM49150TLEVAL Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LM49150, LM49150TLEVAL
www.ti.com
SNAS439C – AUGUST 2008 – REVISED MAY 2013
Table 6. Output Gain Control (Loudspeaker)
Bit
Value
Gain (dB)
0
+6
LS_GAIN
1
+12
Table 7. Headphone Output Gain Setting
HP_Gain2
HP_Gain1
HP_Gain0
Gain (dB)
0
0
0
0
0
0
1
–1.2
0
1
0
–2.5
0
1
1
–4.0
1
0
0
–6.0
1
0
1
–8.5
1
1
0
–12
1
1
1
–18
Table 8. Volume Control Table
Volume Step
xG4(1)
xG3
xG2
xG1
xG0
Gain (dB)(2)
1
0
0
0
0
0
–80.00
2
0
0
0
0
1
–46.50
3
0
0
0
1
0
–40.50
4
0
0
0
1
1
–34.50
5
0
0
1
0
0
–30.00
6
0
0
1
0
1
–27.00
7
0
0
1
1
0
–24.00
8
0
0
1
1
1
–21.00
9
0
1
0
0
0
–18.00
10
0
1
0
0
1
–15.00
11
0
1
0
1
0
–13.50
12
0
1
0
1
1
–12.00
13
0
1
1
0
0
–10.50
14
0
1
1
0
1
–9.00
15
0
1
1
1
0
–7.50
16
0
1
1
1
1
–6.00
17
1
0
0
0
0
–4.50
18
1
0
0
0
1
–3.00
19
1
0
0
1
0
–1.50
20
1
0
0
1
1
0.00
21
1
0
1
0
0
1.50
22
1
0
1
0
1
3.00
23
1
0
1
1
0
4.50
24
1
0
1
1
1
6.00
25
1
1
0
0
0
7.50
26
1
1
0
0
1
9.00
27
1
1
0
1
0
10.50
28
1
1
0
1
1
12.00
29
1
1
1
0
0
13.50
(1)
x = M, L and R
(2)
Gain / Attenuation is from input to output
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com