Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 15 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 11Page - Texas Instruments LM49150TLEVAL Datasheet HTML 12Page - Texas Instruments LM49150TLEVAL Datasheet HTML 13Page - Texas Instruments LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments LM49150TLEVAL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
4
4.2
4.4
4.6
4.8
5
5.2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Gain Amp ON
Gain Amp OFF
0.7
0.75
0.8
0.85
0.9
0.95
1
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
40
80
120
160
200
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
10
20
30
40
50
60
70
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
LM49150, LM49150TLEVAL
www.ti.com
SNAS439C – AUGUST 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
RL = 32Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Headphone Mode 8
Earpiece Bypass Mode
Figure 33.
Figure 34.
Supply Current vs Supply Voltage
Supply Current vs Supply Voltage
Headphone Mode 1, No Load
Earpiece Bypass Mode, No Load
Figure 35.
Figure 36.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com