Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 5 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 5 Page - Texas Instruments

  LM49150TLEVAL Datasheet HTML 1Page - Texas Instruments LM49150TLEVAL Datasheet HTML 2Page - Texas Instruments LM49150TLEVAL Datasheet HTML 3Page - Texas Instruments LM49150TLEVAL Datasheet HTML 4Page - Texas Instruments LM49150TLEVAL Datasheet HTML 5Page - Texas Instruments LM49150TLEVAL Datasheet HTML 6Page - Texas Instruments LM49150TLEVAL Datasheet HTML 7Page - Texas Instruments LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM49150, LM49150TLEVAL
www.ti.com
SNAS439C – AUGUST 2008 – REVISED MAY 2013
Electrical Characteristics 3.3V
(1) (continued)
The following specifications apply for VDD = LSVDD = 3.3V, AV = 0dB, Loudspeaker RL = 15μH+8Ω+15μH, Earpiece RL = 8Ω, f
= 1kHz, unless otherwise specified. Limits apply for TA = 25C. LS = Loudspeaker, HP = Headphone, EP = Earpiece.
LM49150
Units
Symbol
Parameter
Conditions
(Limits)
Typical(2)
Limits(3)
LS mode 1, THD+N = 1%, f = 1kHz
845
mW
LS Gain = 6dB, RL = 4Ω
LS mode 1, THD+N = 1%, f = 1kHz
520
450
mW (min)
LS Gain = 6dB, RL = 8Ω
HP mode 8, THD+N = 1%, f = 1kHz
PO
Output Power
42
mW
HP Attenuation = 0dB, RL = 16Ω
HP mode 8, THD+N = 1%, f = 1kHz
43
39
mW (min)
HP Attenuation = 0dB, RL = 32Ω
EP Bypass only, THD+N = 1%, f = 1kHz
35
28
mW (min)
RL = 8Ω
LS mode 1, f = 1kHz
0.02
%
POUT = 250mW; RL = 8Ω
HP mode 8, f = 1kHz
THD+N
Total Harmonic Distortion + Noise
0.009
%
POUT = 20mW; RL = 32Ω
EP Bypass only, f = 1kHz
0.15
%
POUT = 20mW; RL = 8Ω
η
Efficiency
LS output
88
%
A-weighted,
inputs terminated to AC GND, Output referred
EP Bypass
11
μV
LS; Mode 1
41
μV
LS; Mode 2
41
μV
∈OUT
Output Noise
LS; Mode 3
43
μV
HP; Mode 4
9
μV
HP; Mode 8
10
μV
HP; Mode 12
12
μV
VRIPPLE = 200mVPP; f = 217Hz, RL = 8Ω, CB = 2.2µF,
All audio inputs terminated to AC GND, output referred
EP Bypass
95
dB
Loudspeaker Output; LS Gain = 6dB
LS; Mode 1
72
dB
LS; Mode 2
67
dB
PSRR
Power Supply Rejection Ratio
LS; Mode 3
71
dB
Headphone Output, HP Attenuation = 0dB
HP; Mode 4
91
dB
HP; Mode 8
83
dB
HP; Mode 12
81
dB
Volume Control Step Size Error
±0.2
dB
Maximum Attenuation
-92
dB
-49
dB (min)
Volume Step 2
-46.5
Digital Volume Control Range
-44
dB (max)
17
dB (min)
Maximum Gain
18
19
dB (max)
HP
98
dB
AM
Mute Attenuation
LS
98
dB
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com