Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 16 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 12Page - Texas Instruments LM49150TLEVAL Datasheet HTML 13Page - Texas Instruments LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments LM49150TLEVAL Datasheet HTML 19Page - Texas Instruments LM49150TLEVAL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LM49150, LM49150TLEVAL
SNAS439C – AUGUST 2008 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
I
2C COMPATIBLE INTERFACE
The LM49150 is controlled through an I2C compatible serial interface that consists of a serial data line (SDA) and
a serial clock (SCL). The clock line is uni-directional. The data line is bi-directional (open drain). The LM49150
and the master can communicate at clock rates up to 400kHz. Figure 37 shows the I2C interface timing diagram.
Data on the SDA line must be stable during the HIGH period of SCL. The LM49150 is a transmit/receive slave-
only device, reliant upon the master to generate the SCL signal. Each transmission sequence is framed by a
START condition and a STOP condition (Figure 38). Each data word, device address and data, transmitted over
the bus is 8 bits long and is always followed by an acknowledge pulse (Figure 39). The LM49150 device address
is 11111000.
I
2C INTERFACE POWER SUPPLY PIN (I2CV
DD)
The LM49150's I2C interface is powered up through the I2CVDD pin. The LM49150's I
2C interface operates at a
voltage level set by the I2CVDD pin which can be set independent to that of the main power supply pin VDD. This
is ideal whenever logic levels for the I2C interface are dictated by a microcontroller or microprocessor that is
operating at a lower supply voltage than the main battery of a portable system.
I
2C BUS FORMAT
The I2C bus format is shown in Figure 39. The START signal, the transition of SDA from HIGH to LOW while
SCL is HIGH, is generated, alerting all devices on the bus that a device address is being written to the bus.
The 7-bit device address is written to the bus, most significant bit (MSB) first, followed by the R/W bit. R/W = 0
indicates the master is writing to the slave device, R/W = 1 indicates the master wants to read data from the
slave device. Set R/W = 0; the LM49150 is a WRITE-ONLY device and will not respond to the R/W = 1. The data
is latched in on the rising edge of the clock. Each address bit must be stable while SCL is HIGH. After the last
address bit is transmitted, the master device releases SDA, during which time, an acknowledge clock pulse is
generated by the slave device. If the LM49150 receives the correct address, the device pulls the SDA line low,
generating an acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit register data word is sent. Each data bit should be stable
while SCL is HIGH. After the 8-bit register data word is sent, the LM49150 sends another ACK bit. Following the
acknowledgement of the register data word, the master issues a STOP bit, allowing SDA to go high while SCL is
high.
Figure 37. I2C Timing Diagram
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com