Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 20 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments LM49150TLEVAL Datasheet HTML 19Page - Texas Instruments LM49150TLEVAL Datasheet HTML 20Page - Texas Instruments LM49150TLEVAL Datasheet HTML 21Page - Texas Instruments LM49150TLEVAL Datasheet HTML 22Page - Texas Instruments LM49150TLEVAL Datasheet HTML 23Page - Texas Instruments LM49150TLEVAL Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LM49150, LM49150TLEVAL
SNAS439C – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Table 8. Volume Control Table (continued)
Volume Step
xG4(1)
xG3
xG2
xG1
xG0
Gain (dB)(2)
30
1
1
1
0
1
15.00
31
1
1
1
1
0
16.50
32
1
1
1
1
1
18.00
SHUTDOWN FUNCTION
The LM49150 features the following shutdown controls.
Bit B4 (GAMP_SD) of the SHUTDOWN CONTROL register controls the gain amplifiers. When GAMP_SD = 1, it
disables the gain amplifiers that are not in use. For example, in Modes 1, 4 and 5, the Mono inputs are in use, so
the Left and Right input gain amplifiers are disabled, causing the IDD to be minimized.
Bit B0 (PWR_On) of the SHUTDOWN CONTROL register is the global shutdown control for the entire device.
Set PWR_On = 0 for normal operation. PWR_On = 1 overrides any other shutdown control bit.
OUTPUT MODE CONTROL
In the LM49150 OUTPUT MODE CONTROL register (Table 4), Bit B5 (EP Bypass) controls the operation of the
Earpiece Bypass path. If EP Bypass = 0, it would act under normal output mode operation set by bits B3, B2, B1,
and B0. If EP Bypass = 1, it overrides the B3, B2, B1, and B0 Bits and enables the Receiver Bypass path, a
class AB amplifier, to the speaker output.
Bit B4 (HPR_SD) of the OUPUT MODE CONTROL register controls the right headphone shutdown. If HPR_SD
= 1, the right headphone output is disabled.
DIFFERENTIAL AMPLIFIER EXPLANATION
The LM49150 features a differential input stage, which offers improved noise rejection compared to a single-
ended input amplifier. Because a differential input amplifier amplifies the difference between the two input
signals, any component common to both signals is cancelled. An additional benefit of the differential input
structure is the possible elimination of the DC input blocking capacitors. Since the DC component is common to
both inputs, and thus cancelled by the amplifier, the LM49150 can be used without input coupling capacitors
when configured with a differential input signal.
SINGLE-ENDED INPUT CONFIGURATION
The left and right stereo inputs of the LM49150 are configured for single-ended sources (see Figure 1).
INPUT CAPACITOR SELECTION
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM49150. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high-pass filter is found using Equation 1 below.
f = 1 / 2
πRINCIN (Hz)
Where
•
value of RIN is given in the Electrical Characteristics Table.
(1)
High-pass filtering the audio signal helps protect the speakers. When the LM49150 is using a single-ended
source, power supply noise on the ground is seen as an input signal. Setting the high-pass filter point above the
power supply noise frequencies, 217Hz in a GSM phone, for example, filters out the noise such that it is not
amplified and heard on the output. Capacitors with a tolerance of 10% or better are recommended for impedance
matching and improved CMRR and PSRR.
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com