Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 6 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 2Page - Texas Instruments LM49150TLEVAL Datasheet HTML 3Page - Texas Instruments LM49150TLEVAL Datasheet HTML 4Page - Texas Instruments LM49150TLEVAL Datasheet HTML 5Page - Texas Instruments LM49150TLEVAL Datasheet HTML 6Page - Texas Instruments LM49150TLEVAL Datasheet HTML 7Page - Texas Instruments LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments LM49150TLEVAL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM49150, LM49150TLEVAL
SNAS439C – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Electrical Characteristics 3.3V
(1) (continued)
The following specifications apply for VDD = LSVDD = 3.3V, AV = 0dB, Loudspeaker RL = 15μH+8Ω+15μH, Earpiece RL = 8Ω, f
= 1kHz, unless otherwise specified. Limits apply for TA = 25C. LS = Loudspeaker, HP = Headphone, EP = Earpiece.
LM49150
Units
Symbol
Parameter
Conditions
(Limits)
Typical(2)
Limits(3)
10
k
Ω (min)
Maximum gain setting
12.9
15
k
Ω (max)
Mono Channel Input Impedance
LIN and RIN Input Impedance
90
k
Ω (min)
ZIN
Maximum attenuation setting
111
130
k
Ω (max)
50
k
Ω (min)
EP Bypass Resistance
62
80
k
Ω (max)
f = 217Hz, VCM = 1VP-P, RL = 8Ω
55
dB
EP Bypass
f = 217Hz, VCM = 1VP-P, RL = 8Ω
CMRR
Common-Mode Rejection Ratio
55
dB
LS, Mode 1
f = 217Hz, VCM = 1VP-P, RL = 32Ω
61
dB
HP, Mode 4
HP mode 8; PO = 12mW
XTALK
Crosstalk
78
dB
RL = 32Ω, f = 1kHz
CB = 2.2μF, HP,
27
ms
Normal Turn-On Mode
TON
Turn-On Time
CB = 2.2μF, HP,
15
ms
Fast Turn-On Mode
Electrical Characteristics 5.0V
(1) (2)
The following specifications apply for VDD = LSVDD = 5.0V, AV = 0dB, Loudspeaker RL = 15μH+8Ω+15μH, Earpiece RL = 8Ω, f
= 1kHz, unless otherwise specified. Limits apply for TA = 25C. LS = Loudspeaker, HP = Headphone, EP = Earpiece.
LM49150
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limits(2)
VIN = 0, No Load
LS mode 1
4.5
mA
HP mode 8
4.9
mA
IDD
Supply Current
EP Bypass Mode
0.9
mA
LS + HP Mode 5 and Mode 10
7.7
mA
LS Mode 1, GAMP_SD = 1
3.7
mA
HP Mode 8, GAMP_SD = 1
4.4
mA
ISD
Shutdown Current
0.02
1
µA (max)
VIN = 0V, LS, RL = 8Ω
9
40
mV (max)
LS Gain = 6dB, Stereo Mode 10
VOS
Output Offset Voltage
VIN = 0V, HP, RL = 32Ω
1
5
mV (max)
Ground Reference, Stereo Mode 10
VIN = 0V, EP Bypass only, RL = 8Ω
1
5
mV (max)
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Datasheet min/max specification limits are ensured by test or statistical analysis.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com