Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 21 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments LM49150TLEVAL Datasheet HTML 19Page - Texas Instruments LM49150TLEVAL Datasheet HTML 20Page - Texas Instruments LM49150TLEVAL Datasheet HTML 21Page - Texas Instruments LM49150TLEVAL Datasheet HTML 22Page - Texas Instruments LM49150TLEVAL Datasheet HTML 23Page - Texas Instruments LM49150TLEVAL Datasheet HTML 24Page - Texas Instruments LM49150TLEVAL Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM49150, LM49150TLEVAL
www.ti.com
SNAS439C – AUGUST 2008 – REVISED MAY 2013
INPUT MIXER/MULTIPLEXER
The LM49150 includes a comprehensive mixer multiplexer controlled through the I2C interface. The
mixer/multiplexer allows any input combination to appear on any output of LM49150. Multiple input paths can be
selected simultaneously. Under these conditions, the selected inputs are mixed together and output on the
selected channel. Table 5 shows how the input signals are mixed together for each possible input selection.
CLASS D AMPLIFIER
The LM49150 features a high-efficiency, filterless, class D amplifier, which features a filterless modulation
scheme. When there is no input signal applied, the output switches between VDD and GND at a 50% duty cycle.
Since the outputs of the LM49150 class D amplifier are differential and in phase, the result is zero net voltage
across the speaker and no load current during the ideal state, thus conserving power. The switching frequency of
each output is 300kHz.
When an input signal is applied, the duty cycle (pulse width) changes. For increasing output voltages, the duty
cycle of one output increases while the duty cycle of the output decreases. For decreasing output voltages, the
converse occurs. The difference between the two pulse widths yields the differential output voltage across the
load.
SPREAD SPECTRUM
The LM49150 features a filterless spread spectrum modulation scheme. The switching frequency varies by +/-
30% about a 300kHz center frequency, reducing the wideband spectral content, reducing EMI emissions radiated
by the speaker and associated cables and traces. When a fixed frequency class D exhibits large amounts of
spectral energy at multiples of switching frequency, the spread spectrum architecture of the LM49150 spreads
that energy over a larger bandwidth. The cycle-to-cycle variation of the switching period does not affect the audio
reproduction, efficiency, or PSRR. To enable spread spectrum, set the spread spectrum bit, B5 = 1 of the
SHUTDOWN CONTROL register (see Table 3).
ENHANCED EMMISIONS SUPPRESSION (E
2S)
The LM49150 features TI’s patented E2S system that reduces EMI, while maintaining high quality audio
reproduction and efficiency. The LM49150 features Edge Rate Control (ERC) that greatly reduces the high
frequency components of the output square waves by controlling the output rise and fall times, slowing the
transitions to reduce RF emissions, while optimizing THD+N and efficiency performance.
LDO GENERAL INFORMATION
The LM49150 has different supplies for each portion of the device, allowing for the optimum combination of
headroom, power dissipation and noise immunity. The speaker amplifiers are powered from LSVDD. The ground
reference headphone amplifiers are powered from the internal LDO. The separate power supplies allow the
loudspeaker amplifier to operate from a higher voltage for maximum headroom, while the headphone amplifiers
operate from a lower voltage, improving power dissipation.
GROUND REFERENCED HEADPHONE AMPLIFIER
The LM49150 features a low noise inverting charge pump that generates an internal negative supply voltage.
This allows the headphone outputs to be biased about GND instead of a nominal DC voltage, like traditional
headphone amplifiers. Because there is no DC component, the large DC blocking capacitors (typically 220
μF)
are not necessary. The coupling capacitors are replaced by two small ceramic charge pump capacitors, saving
board space and cost. Eliminating the output coupling capacitors also improves low frequency response. In
traditional headphone amplifiers, the headphone impedance and the output capacitor from a high-pass filter that
not only blocks the DC component of the output, but also attenuates low frequencies, impacting the bass
response. Because the LM49150 does not require the output coupling capacitors, the low frequency response of
the device is not degraded by external components. In addition to eliminating the output coupling capacitors, the
ground referenced output nearly doubles the available dynamic range of the LM49250 headphone amplifiers
when compared to a traditional headphone amplifier operating from the same supply voltage.
CHARGE PUMP CAPACITOR SELECTION
Use low ESR ceramic capacitors (less than 100m
Ω) for optimum performance.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com