Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 4 Page - Texas Instruments

Part # LM49150TLEVAL
Description  LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 4 Page - Texas Instruments

  LM49150TLEVAL Datasheet HTML 1Page - Texas Instruments LM49150TLEVAL Datasheet HTML 2Page - Texas Instruments LM49150TLEVAL Datasheet HTML 3Page - Texas Instruments LM49150TLEVAL Datasheet HTML 4Page - Texas Instruments LM49150TLEVAL Datasheet HTML 5Page - Texas Instruments LM49150TLEVAL Datasheet HTML 6Page - Texas Instruments LM49150TLEVAL Datasheet HTML 7Page - Texas Instruments LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM49150, LM49150TLEVAL
SNAS439C – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage(1)
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3 to VDD +0.3
Power Dissipation(4)
Internally Limited
ESD Rating(5)
2.0kV
ESD Rating(6)
200V
Junction Temperature
150°C
Soldering Information
See AN-1112 “Micro SMD Wafer Level Chip Scale Package”
(Literature Number SNVA009)
Thermal Resistance
θJA (typ) - YZR0020KGA
46.1°C/W
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever
(5)
Human body model, applicable std. JESD22-A114C.
(6)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
Temperature Range
−40°C to 85°C
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
Supply Voltage (I2C)
1.7V
≤ I2CVDD ≤ 5.5V
Electrical Characteristics 3.3V
(1)
The following specifications apply for VDD = LSVDD = 3.3V, AV = 0dB, Loudspeaker RL = 15μH+8Ω+15μH, Earpiece RL = 8Ω, f
= 1kHz, unless otherwise specified. Limits apply for TA = 25C. LS = Loudspeaker, HP = Headphone, EP = Earpiece.
LM49150
Units
Symbol
Parameter
Conditions
(Limits)
Typical(2)
Limits(3)
VIN = 0, No Load
LS mode 1
3.7
5
mA (max)
HP mode 8
4.7
6.7
mA (max)
IDD
Supply Current
EP Bypass mode
0.8
1.2
mA (max)
LS + HP mode 5 and mode 10
7
9.5
mA (max)
LS mode 1, GAMP_SD = 1
3
4
mA (max)
HP mode 8, GAMP_SD = 1
4.3
6.1
mA (max)
ISD
Shutdown Current
0.04
1
µA (max)
VIN = 0V, LS, RL = 8Ω
9
40
mV (max)
LS Gain = 6dB, Stereo mode 10
VOS
Output Offset Voltage
VIN = 0V, HP, RL = 32Ω
1
5
mV (max)
Ground Referenced, Stereo mode 10
VIN = 0V, EP Bypass only, RL = 8Ω
0.8
5
mV (max)
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(3)
Datasheet min/max specification limits are ensured by test or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com