Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 269 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 269 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 265Page - Microchip Technology LAN9252/ML Datasheet HTML 266Page - Microchip Technology LAN9252/ML Datasheet HTML 267Page - Microchip Technology LAN9252/ML Datasheet HTML 268Page - Microchip Technology LAN9252/ML Datasheet HTML 269Page - Microchip Technology LAN9252/ML Datasheet HTML 270Page - Microchip Technology LAN9252/ML Datasheet HTML 271Page - Microchip Technology LAN9252/ML Datasheet HTML 272Page - Microchip Technology LAN9252/ML Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 269
LAN9252
12.14.59.2 FMMUx Length Register
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.59.3 FMMUx Logical Start Bit Register
12.14.59.4 FMMUx Logical Stop Bit Register
Offset:
FMMUx Base Address +4h-5h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Length
Offset from the first logical FMMU byte to the last FMMU Byte +
1 (e.g., if two bytes are used, then this parameter shall contain
2).
R/W
RO
0000h
Offset:
FMMUx Base Address +6h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:3
RESERVED
Write as 0.
RO
RO
00000b
2:0
Logical Start Bit
Logical starting bit that shall be mapped (bits are counted from
least significant bit (0) to most significant bit (7)).
R/W
RO
000b
Offset:
FMMUx Base Address +7h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:3
RESERVED
Write as 0.
RO
RO
00000b
2:0
Logical Stop Bit
Last logical bit that shall be mapped (bits are counted from least
significant bit (0) to most significant bit (7)).
R/W
RO
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com