Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 45 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 41Page - STMicroelectronics STDRIVE102H Datasheet HTML 42Page - STMicroelectronics STDRIVE102H Datasheet HTML 43Page - STMicroelectronics STDRIVE102H Datasheet HTML 44Page - STMicroelectronics STDRIVE102H Datasheet HTML 45Page - STMicroelectronics STDRIVE102H Datasheet HTML 46Page - STMicroelectronics STDRIVE102H Datasheet HTML 47Page - STMicroelectronics STDRIVE102H Datasheet HTML 48Page - STMicroelectronics STDRIVE102H Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Table 19. VFQFPN 48L 6x6x1 mm, pitch 0.4 mm package mechanical data
Symbol
Dimensions [mm]
Min.
Typ.
Max.
A
0.80
0.85
1.00
A1
0.00
-
0.05
b
0.17
0.21
0.25
D
6.0 BSC
D2
4.3
4.4
4.5
e
0.4 BSC
E
6.0 BSC
E2
4.3
4.4
4.5
L
0.35
0.45
0.55
K
0.24
N
48
Tolerance
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
STDRIVE102BH, STDRIVE102H
Package information
DS14545 - Rev 1
page 45/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com