Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 42 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 38Page - STMicroelectronics STDRIVE102H Datasheet HTML 39Page - STMicroelectronics STDRIVE102H Datasheet HTML 40Page - STMicroelectronics STDRIVE102H Datasheet HTML 41Page - STMicroelectronics STDRIVE102H Datasheet HTML 42Page - STMicroelectronics STDRIVE102H Datasheet HTML 43Page - STMicroelectronics STDRIVE102H Datasheet HTML 44Page - STMicroelectronics STDRIVE102H Datasheet HTML 45Page - STMicroelectronics STDRIVE102H Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
7
Layout recommendations and guidelines
7.1
Power stage layout
It is very important to minimize the overall parasitic inductance of the paths connecting the power MOSFETs and
the gate drivers. Higher inductance can introduce ringing on the gate signals and increase induced turn-on
effects. In order to minimize inductance:
The traces between the STDRIVE102BH/H and the MOSFETs must be as short and straight as possible.
The traces should avoid multiple transitions between PCB layers.
When moving away from the STDRIVE102BH/H pads, increase the trace width (at least 0.5 mm).
Each couple of traces GHSx/OUTx and GLSx/SLSx must follow the same path and should be routed one
close to the other to minimize their loop area.
Place a ground plane with no discontinuities underneath the power stage, to provide the shortest return
path for the gate currents (see Section 7.2).
A wide copper area must connect the drains of the three high-side MOSFETs, the motor’s supply VM and the bulk
capacitors. The area can be replicated in the inner layers of the PCB; all of them can be connected using multiple
vias. This approach decreases the overall impedance and improves the thermal dissipation of the high-side
section of the power stage. Extend the VM copper area underneath the gate driver traces, then connect it to the
VM pin of the STDRIVE102BH/H; this ensures a return path for the currents provided by the charge pump.
Moreover, the VM pin is also used to sense the high-side drains for the VDS monitoring protection: wider copper
areas help to reduce the voltage drop along this path. A low ESR ceramic capacitor must be placed close to the
VM pin (see Section 7.3).
The high-side source and the low-side drain in each half-bridge should be connected with a dedicated copper
area, which then connects to each motor’s phase. Similarly, the low-side source and the shunt resistor in each
half-bridge should be connected with a dedicated copper area. Each copper area can be replicated on different
layers; all of them must be connected with an adequate number of vias. Vias concentration should be higher close
to the pads of the power components (MOSFETs and shunt resistors). This allows to have a low impedance path
for the load currents and helps to dissipate the heat.
Do not use the same trace to connect different branches, even if they share the same net: for example, SLSx
coming from the STDRIVE102BH/H needs a dedicated trace, which directly connects the source of the low-side
MOSFET. Then a wide copper area must connect the source of the low-side MOSFET and the shunt resistor.
Eventually, another dedicated pair of differential traces is routed from the two pads of the shunt resistor to the
readout circuitry.
Other signals not directly related to the power stage should be routed in a different area of the PCB, to avoid any
noise coupling due to high dV/dt and dI/dt transients.
7.2
Grounding
One inner layer of the PCB should be dedicated only for grounding. The layer should be divided in two planes:
one for the power part and another for the low-voltage signal part. The two planes are tied together in
correspondence with the STDRIVE102BH/H, which should be placed in the middle of the two. Power ground
plane must be connected to the exposed pad (GND) of the STDRIVE102BH/H, while the signal ground plane
should be connected to the AGND pin. The junction between AGND and the exposed pad (GND) must be done
as close as possible to the STDRIVE102BH/H in order to minimize grounds misalignment. Exposed pad must
have an adequate number of vias to transfer heat to the other layers, down to the bottom layer of the PCB, in
order to dissipate heat.
Therefore, the PCB can be divided in two main areas, delimited by each plane: the power area and the signal
area. Routing of the components related to the operational amplifiers and in general to the circuitries related to
VDD, including the resistors’ divider for TCC and IGATE pins, must be placed in the signal ground area. On the
other hand, the power ground area should be dedicated only to the power stage, the gate drivers’ traces, the
copper plane of the VM supply, the bulk capacitor and all the ceramic capacitors connected to each half-bridge.
STDRIVE102BH, STDRIVE102H
Layout recommendations and
guidelines
DS14545 - Rev 1
page 42/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com