Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 16 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 12Page - STMicroelectronics STDRIVE102H Datasheet HTML 13Page - STMicroelectronics STDRIVE102H Datasheet HTML 14Page - STMicroelectronics STDRIVE102H Datasheet HTML 15Page - STMicroelectronics STDRIVE102H Datasheet HTML 16Page - STMicroelectronics STDRIVE102H Datasheet HTML 17Page - STMicroelectronics STDRIVE102H Datasheet HTML 18Page - STMicroelectronics STDRIVE102H Datasheet HTML 19Page - STMicroelectronics STDRIVE102H Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
5.1.1
12 V LDO linear regulator
This regulator generates the voltage on the VCC pin, which is the supply of the low-side gate drivers and the set
point for the 'VBOOT - VM' voltage provided by the charge pump (refer to Section 5.1.3). A low ESR ceramic
capacitor of 4.7 µF, 25 V must be placed as close as possible to the VCC pin, to ensure the stability of the VCC
and support the currents required by the low-side gate drivers.
In addition, external loads can be connected to VCC pin, taking care to stay within the operating range. The
output current of the regulator is limited at ICC,lim protecting it against short circuit and overload. The overall
consumption of the external loads plus the drivers must be smaller than this current limitation.
Figure 6. 12 V LDO output according to the current load at different VS input
5
6
7
8
9
10
11
12
13
0
10
20
30
40
50
60
70
80
90
Load current [mA]
VS > 13 V
VS = 12 V
VS = 6 V
The linear regulator input is connected to the main supply VS. The regulator can be bypassed by connecting the
VCC and the VS together and forcing an external voltage equal to the target VCC value, which must be in any
case within the operative range of the VCC pin.
The regulator is disabled in standby mode in order to reduce the current consumption.
In case the VCC voltage falls below the UVLO threshold (VCC(Off)), the gate drivers turn off all the external
MOSFETs, forcing the power stage into a safe condition. Concurrently, the nFAULT open-drain pin is forced low to
signal that the UVLO protection has been triggered. As soon as the VCC voltage rises above the VCC(On)
threshold, the nFAULT is released and the drivers return to an active condition, according to the status of the
digital inputs.
In the STDRIVE102BH only when the VCC voltage falls below the “power-good” threshold (VP_GOOD(Off)), the
FLAG open-drain pin is forced low, but there are no other effects on the functional blocks of the devices. The
FLAG pin is then released as soon as the VCC voltage rises above the VP_GOOD(On) threshold.
An example of the VCC thresholds management is shown in Figure 7.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 16/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com