Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 28 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 24Page - STMicroelectronics STDRIVE102H Datasheet HTML 25Page - STMicroelectronics STDRIVE102H Datasheet HTML 26Page - STMicroelectronics STDRIVE102H Datasheet HTML 27Page - STMicroelectronics STDRIVE102H Datasheet HTML 28Page - STMicroelectronics STDRIVE102H Datasheet HTML 29Page - STMicroelectronics STDRIVE102H Datasheet HTML 30Page - STMicroelectronics STDRIVE102H Datasheet HTML 31Page - STMicroelectronics STDRIVE102H Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Figure 18. Propagation delay in enable/input mode, ENx pin switching
50%
10%
90%
ENx
VGS,HSx
td,on
td,off
50%
INx
VGS,LSx
50%
10%
90%
td,on
td,off
Figure 19. Propagation delay in direct mode (INHx/INLx)
50%
50%
10%
90%
INHx
INLx
VGS,HSx
VGS,LSx
td,on
td,off
5.2.3
VDS monitoring
The STDRIVE102BH/H implements a monitoring of the drain-source voltage drop (VDS) of each MOSFET. During
all the time the MOSFET is on, it is expected that the VDS keeps below a threshold, which depends on the RDS,on
and the current flowing in the MOSEFT. If the VDS exceeds the threshold value set on the VDSTH analog pin
(refer to Figure 20), the device triggers a FAULT condition:
The power stage is disabled: all the gate drivers are set LOW with the soft-off feature (see Section 5.4).
This safe state is latched until a release request occurs (see below).
The nFAULT pin is forced low.
To return in normal operation, the latched failure condition must be cleared in one of the following ways:
Set the standby state by forcing the nSTBY pin low (refer to Section 5.8).
Set the voltage on the EN pin lower than Vrelease for at least tEN,pulse_rel time.
Note that the threshold voltage is an analog value, so it can be set to any value between the recommended ones.
The protection can be disabled setting a voltage on VDSTH pin higher than VDSTH,dis.
To avoid unexpected triggering of the protection during the transients of the power stage, a deglitch filter is
present. To trigger the protection, the VDS must exceed the threshold for a time longer than the deglitch time
tdg(VDS), which depends on the setting of the TCC pin (see Table 10).
Since the three high-side MOSFETs are supposed to be connected to the same supply VM, the three different VDS
are monitored referring them to the same VM pin.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 28/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com