Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 50 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 46Page - STMicroelectronics STDRIVE102H Datasheet HTML 47Page - STMicroelectronics STDRIVE102H Datasheet HTML 48Page - STMicroelectronics STDRIVE102H Datasheet HTML 49Page - STMicroelectronics STDRIVE102H Datasheet HTML 50Page - STMicroelectronics STDRIVE102H Datasheet HTML 51Page - STMicroelectronics STDRIVE102H Datasheet HTML 52Page - STMicroelectronics STDRIVE102H Datasheet HTML 53Page - STMicroelectronics STDRIVE102H Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
9
Ordering information
Table 21. Order code
Order code
Package
Package marking
Packing
STDRIVE102BH
VFQFPN 48L 6x6x1 mm, pitch 0.4 mm
DRV102BH
Tray
STDRIVE102BHTR
VFQFPN 48L 6x6x1 mm, pitch 0.4 mm
DRV102BH
Tape and reel
STDRIVE102H
VFQFPN 40L 5x6x1 mm, pitch 0.4 mm
DRV102H
Tray
STDRIVE102HTR
VFQFPN 40L 5x6x1 mm, pitch 0.4 mm
DRV102H
Tape and reel
STDRIVE102BH, STDRIVE102H
Ordering information
DS14545 - Rev 1
page 50/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com