Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 31 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 27Page - STMicroelectronics STDRIVE102H Datasheet HTML 28Page - STMicroelectronics STDRIVE102H Datasheet HTML 29Page - STMicroelectronics STDRIVE102H Datasheet HTML 30Page - STMicroelectronics STDRIVE102H Datasheet HTML 31Page - STMicroelectronics STDRIVE102H Datasheet HTML 32Page - STMicroelectronics STDRIVE102H Datasheet HTML 33Page - STMicroelectronics STDRIVE102H Datasheet HTML 34Page - STMicroelectronics STDRIVE102H Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Figure 23. STDRIVE102H AFE block diagram
+
OA_INP
CREF
Op-amp
Comp
to Control
Logic
OA_INN
OA_O
C_IN1
+
-
VDD
VDD
AGND
AGND
Comp
C_IN2
+
-
VDD
AGND
Deglitch
filter
tdg(COMP)
to Control
Logic
Deglitch
filter
tdg(COMP)
The operational amplifiers are unity-gain stable for load capacitors up to 100 pF and have a low input bias current.
They provide a rail-to-rail input and output operation, a wide bandwidth, and a fast recovery of the output after
saturation. The operational amplifiers are totally uncommitted, so they can be used as general-purpose
components within their operative range (between 0 V and VDD). As an example of typical configuration, the
operational amplifiers can be used to amplify the voltage drop across the shunt resistors placed on the low-side
half-bridge, in order to implement a current sense on each phase. Therefore, the STDRIVE102BH is suitable for
triple shunt applications, while the STDRIVE102H is suitable for single shunt applications.
The comparators in the AFE, three in the STDRIVE102BH and two in the STDRIVE102H, have a single CREF
pin, in common to all the negative inputs as shown in Figure 22 and Figure 23. The positive input of each
comparator has a dedicated pin (C_INx). As an example of typical configuration, the comparators can be used to
implement an overcurrent protection, an overvoltage protection or an overtemperature protection for the
application, in case an external temperature sensor is present in the application.
When the voltage on the positive input of one comparator (C_INx) exceeds the voltage on CREF for a time longer
than the deglitch time (tdg(COMP)), the comparator’s output triggers the protection circuitry and raises a FAULT
event, which forces the nFAULT pin low. At the same time, the power stage is disabled turning off all the external
MOSFETs with the soft-off feature (see Section 5.4). The FAULT condition triggered by the comparators is
latched: the normal operation is restored bringing the EN pin below the Vrelease threshold for a time longer than
tEN,pulse_rel (refer to Figure 24).
Figure 24. AFE comparator example
tdg(COMP)
<
tdg(COMP)
nFAULT
EN
Gate
Drivers
deglitch
time
CINx
VCREF
comparator protection
FAULT latched
Gate driver LOW
Gate driver LOW
FAULT released
EN = 0
operative
Gate driver active
operative
Gate driver active
Vrelease
tEN,pulse_rel
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 31/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com