Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 36 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 32Page - STMicroelectronics STDRIVE102H Datasheet HTML 33Page - STMicroelectronics STDRIVE102H Datasheet HTML 34Page - STMicroelectronics STDRIVE102H Datasheet HTML 35Page - STMicroelectronics STDRIVE102H Datasheet HTML 36Page - STMicroelectronics STDRIVE102H Datasheet HTML 37Page - STMicroelectronics STDRIVE102H Datasheet HTML 38Page - STMicroelectronics STDRIVE102H Datasheet HTML 39Page - STMicroelectronics STDRIVE102H Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Referring to Table 16, the state of the functional blocks can assume three different conditions:
Active: the block is fully operative.
LOW (gate drivers only): despite the digital inputs, the drivers are set LOW and they sink current.
Therefore, the external power MOSFET is turned off regardless of the digital input applied.
Disable: the functional block is disabled.
5.6.1
Automatic re-arm using the nFAULT pin
The VDS monitoring protection and the AFE comparators protection are latched: in case one of these protections
is triggered, the device latches and it cannot operate until the FAULT condition is released.
The release condition can be forced by applying a low pulse on the EN pin. Otherwise, the latch can be released
automatically, connecting together the EN and the nFAULT pins as shown in Figure 26.
Figure 26. Automatic re-arm using EN and nFAULT pins
nFAULT
EN
GPIO
MCU
STDRIVE102
configuration
open drain
delay introduce by CENREN
time constant
EN/nFAULT
Drivers
Protection is triggered
Latch event
Gate Drivers Active
Gate Drivers Active
Gate Drivers LOW
Automatic re-arm
Vrelease
VIH
tdelay,EN
VDD
REN
CEN
When a protection is triggered, the nFAULT open-drain drives low the EN pin and its voltage falls below the
Vrelease threshold: the latch is then released. To avoid an immediate re-arm of the power stage, a delay can be
introduced using a capacitor CEN together with the pull-up resistor REN. The time required to reach the digital
threshold VIH increases, due to the smooth rising slope of the EN pin, thus delaying the re-arm of the drivers.
If a microcontroller is also connected to the EN pin, care must be taken to use an open-drain configuration for the
GPIO to avoid any conflict.
It is important to consider that the EN pin has an internal pull-down resistor RPD,EN so the voltage of the EN pin at
the end of the rising transient is:
Equation 5
VEN,ℎigℎ=VDD∙ RPD,EN
RPD,EN+REN
(5)
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 36/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com