Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 10 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 6Page - STMicroelectronics STDRIVE102H Datasheet HTML 7Page - STMicroelectronics STDRIVE102H Datasheet HTML 8Page - STMicroelectronics STDRIVE102H Datasheet HTML 9Page - STMicroelectronics STDRIVE102H Datasheet HTML 10Page - STMicroelectronics STDRIVE102H Datasheet HTML 11Page - STMicroelectronics STDRIVE102H Datasheet HTML 12Page - STMicroelectronics STDRIVE102H Datasheet HTML 13Page - STMicroelectronics STDRIVE102H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
tdg(COMP)
Comparator deglitch filter time
1.3
µs
Logic inputs and outputs
VIL
Low logic input voltage
0.8
V
VIH
High logic input voltage
2
V
VIL,stby
nSTBY pin low logic input voltage
0.6
V
VIH,stby
nSTBY pin high logic input voltage
2
V
RPD,in
Input lines pull-down resistor
(INHx/INx, INLx/ENx)
220
kΩ
RPD,STBY
nSTBY pin pull-down resistor
440
kΩ
RPD,EN
EN pin pull-down resistor
440
kΩ
VOD,L
Open-drain output low voltage (nFAULT, FLAG)
IOD = 8 mA
0.35
V
Vrelease
EN pin latch release threshold
0.37
V
tEN,pulse_rel
Latch release time
400
ns
tSTBY
Standby time
From nSTBY falling edge
100
µs
Analog control pins (IGATE and TCC pins)
ΔVActrl,in
Analog intervals
VDD/15
V
1. Refer to Figure 17, Figure 18, and Figure 19
2. The matching time, on the same driver, between the on and off transition is defined as |td,on - td,off|
3. The matching of the same parameter (td,on or td,off) between the two drivers (HS and LS) of the same half-bridge is defined
as
|td,on,HS - td,on,LS| or |td,off,HS - td,off,LS|.
4. The matching of the same parameter (td,on or td,off) between the two drivers (HS and LS) of two different half-bridges
(channels) “x” and “y” is defined as |td,on,HSx - td,on,HSy|, |td,off,HSx - td,off,HSy|, |td,on,LSx - td,on,LSy|, |td,off,LSx - td,off,LSy|
5. Guaranteed by design.
STDRIVE102BH, STDRIVE102H
Electrical
characteristics
DS14545 - Rev 1
page 10/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com